Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8581 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA8581
Description  128 x 8-bit EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8581 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA8581 Datasheet HTML 1Page - NXP Semiconductors PCA8581 Datasheet HTML 2Page - NXP Semiconductors PCA8581 Datasheet HTML 3Page - NXP Semiconductors PCA8581 Datasheet HTML 4Page - NXP Semiconductors PCA8581 Datasheet HTML 5Page - NXP Semiconductors PCA8581 Datasheet HTML 6Page - NXP Semiconductors PCA8581 Datasheet HTML 7Page - NXP Semiconductors PCA8581 Datasheet HTML 8Page - NXP Semiconductors PCA8581 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Apr 02
4
Philips Semiconductors
Product specification
128
× 8-bit EEPROM with I2C-bus interface
PCA8581; PCA8581C
5
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MLB887
TIMER
WORD
ADDRESS
REGISTER
SHIFT
REGISTER
POWER
ON
RESET
INPUT
FILTER
VOLTAGE
MULTIPLIER
ROW
SELECT
MEMORY
CELL
ARRAY
COLUMN
SELECT
MULTIPLEXER
R/W
CONTROL
I C BUS
CONTROL
2
6
5
SCL
SDA
3
A2
2
A1
1
A0
8
VDD
4
VSS
7
TEST
PCA8581
PCA8581C
7
8
6
PINNING
SYMBOL
PIN
DESCRIPTION
A0
1
hardware address input 0
A1
2
hardware address input 1
A2
3
hardware address input 2
VSS
4
negative supply
SDA
5
serial data input/output
SCL
6
serial clock input
TEST
7
test output can be connected to VSS, VDD or left
open-circuit
VDD
8
positive supply
Fig.2 Pin configuration.
fpage
1
2
3
4
8
7
6
5
MLB888
PCA8581
PCA8581C
SCL
SDA
A2
A1
A0
VDD
VSS
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com