Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3908CSSS Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 3Page - Texas Instruments ADC3908CSSS Datasheet HTML 4Page - Texas Instruments ADC3908CSSS Datasheet HTML 5Page - Texas Instruments ADC3908CSSS Datasheet HTML 6Page - Texas Instruments ADC3908CSSS Datasheet HTML 7Page - Texas Instruments ADC3908CSSS Datasheet HTML 8Page - Texas Instruments ADC3908CSSS Datasheet HTML 9Page - Texas Instruments ADC3908CSSS Datasheet HTML 10Page - Texas Instruments ADC3908CSSS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 131 page
background image
5.6 Electrical Characteristics - DC Specifications (continued)
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, Internal 1.2 V reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
No missing codes No missing codes
10
bits
DNL
Differential nonlinearity
±0.4
LSB
INL
Integral nonlinearity
±0.5
LSB
VOS_ERR
Offset error
±1
LSB
VOS_DRIFT
Offset drift over temperature
0.001
LSB/ºC
GAINERR
Gain error
External Reference
±1.3
%FSR
Internal Reference
±1.3
%FSR
GAINDRIFT
Gain drift over temperature
External Reference
-35
ppm/ºC
Internal Reference
-102
ppm/ºC
DC ACCURACY (65 MSPS)
No missing codes No missing codes
10
bits
DNL
Differential nonlinearity
±0.4
LSB
INL
Integral nonlinearity
±0.5
LSB
VOS_ERR
Offset error
±1
LSB
VOS_DRIFT
Offset drift over temperature
0.001
LSB/ºC
GAINERR
Gain error
External Reference
±1.3
%FSR
Internal Reference
±1.3
%FSR
GAINDRIFT
Gain drift over temperature
External Reference
-35
ppm/ºC
Internal Reference
-102
ppm/ºC
DC ACCURACY (125 MSPS)
No missing codes No missing codes
10
bits
DNL
Differential nonlinearity
-0.95
±0.4
+2.1
LSB
INL
Integral nonlinearity
-2
±0.5
+2.1
LSB
VOS_ERR
Offset error
-2.75
±1
2.75
LSB
VOS_DRIFT
Offset drift over temperature
0.001
LSB/ºC
GAINERR
Gain error
External Reference
-2.25
±1.3
2.25
%FSR
Internal Reference
±1.3
%FSR
GAINDRIFT
Gain drift over temperature
External Reference
-35
ppm/ºC
Internal Reference
-102
ppm/ºC
ADC ANALOG INPUT (INAP/M, INBP/M)
FS
Input full scale
Differential
1.9
Vpp
Single-ended
0.95
Vpp
CIN
Differential input Capacitance
FIN = 100 kHz
7
pF
VCM
Input common mode voltage
VOCM -
50mV
1.275
VOCM +
50mV
V
VOCM
Output common mode voltage
1.25
V
BW
Analog Input Bandwidth (-3dB)
150
MHz
EXTERNAL VOLTAGE REFERENCE (VREF)
VREF
External voltage reference
1.2
V
Input Current
0.1
mA
Input impedance
12
CLOCK INPUT
Input clock frequency
5
125
MHz
www.ti.com
ADC3910D125
SBASAD1 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com