Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CPU04PBF Datasheet(PDF) 5 Page - International Rectifier

Part # 30CPU04PBF
Description  ULTRAFAST RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPU04PBF Datasheet(HTML) 5 Page - International Rectifier

  30CPU04PBF Datasheet HTML 1Page - International Rectifier 30CPU04PBF Datasheet HTML 2Page - International Rectifier 30CPU04PBF Datasheet HTML 3Page - International Rectifier 30CPU04PBF Datasheet HTML 4Page - International Rectifier 30CPU04PBF Datasheet HTML 5Page - International Rectifier 30CPU04PBF Datasheet HTML 6Page - International Rectifier 30CPU04PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Bulletin PD-20674 04/04
5
30CPU04PbF
www.irf.com
Fig. 10 - Reverse Recovery Waveform and Definitions
IRFP250
D.U.T.
L = 70µH
V = 200V
R
0.01
Ω
G
D
S
dif/dt
ADJUST
ta
tb
trr
Qrr
IF
I RRM
I RRM
0.5
di(rec)M/dt
0.75 IRRM
5
4
3
2
0
1
di /dt
f
Fig. 9- Reverse Recovery Parameter Test Circuit
Reverse Recovery Circuit
di F /dt
di F /dt
4. Qrr - Area under curve defined by t rr
and IRRM
5. di (rec) M / dt - Peak rate of change of
current during t b portion of t rr
1. diF/dt - Rate of change of current through zero
crossing
2. IRRM - Peak reverse recovery current
3. trr - Reverse recovery time measured from zero
crossing point of negative going IF to point where
a line passing through 0.75 IRRM and 0.50 IRRM
extrapolated to zero current
Q rr =
t rr x I RRM
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com