Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8581CT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA8581CT
Description  128 x 8-bit EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8581CT Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA8581CT Datasheet HTML 1Page - NXP Semiconductors PCA8581CT Datasheet HTML 2Page - NXP Semiconductors PCA8581CT Datasheet HTML 3Page - NXP Semiconductors PCA8581CT Datasheet HTML 4Page - NXP Semiconductors PCA8581CT Datasheet HTML 5Page - NXP Semiconductors PCA8581CT Datasheet HTML 6Page - NXP Semiconductors PCA8581CT Datasheet HTML 7Page - NXP Semiconductors PCA8581CT Datasheet HTML 8Page - NXP Semiconductors PCA8581CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Apr 02
3
Philips Semiconductors
Product specification
128
× 8-bit EEPROM with I2C-bus interface
PCA8581; PCA8581C
1
FEATURES
• Operating supply voltage:
– 4.5 to 5.5 V (PCA8581)
– 2.5 to 6.0 V (PCA8581C)
• Integrated voltage multiplier and timer for writing
(no external components required)
• Automatic erase before write
• Low standby current; maximum 10 µA
• 8-byte page write mode
• Serial input/output bus (I2C-bus)
• Address by 3 hardware address pins
• Automatic word address incrementing
• Designed for minimum 10000 write cycles per byte
• 10 years minimum non-volatile data retention
• Infinite number of read cycles
• Pin and address compatibility to PCF8570C and
PCF8582
• Operating ambient temperature: −25 to +85 °C.
2
GENERAL DESCRIPTION
The PCA8581 and PCA8581C are low power CMOS
EEPROMs with standard and wide operating voltages:
4.5 to 5.5 V (PCA8581)
2.5 to 6.0 V (PCA8581C).
In the following text, the generic term ‘PCA8581’ is used to
refer to both types in all packages except when otherwise
specified.
The PCA8581 is organized as 128 words of 8-bytes.
Addresses and data are transferred serially via a two-line
bidirectional bus (I2C-bus). The built-in word address
register is incremented automatically after each written or
read data byte. All bytes can be read in a single operation.
Up to 8 bytes can be written in one operation, reducing the
total write time per byte. Three address pins, A0, A1 and
A2 are used to define the hardware address, allowing the
use of up to 8 devices connected to the bus without
additional hardware.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
PCA8581
4.5
5.5
V
PCA8581C
2.5
6.0
V
IDD
supply current (standby)
fSCL = 0 Hz
−
10
µA
Tamb
operating ambient temperature
−25
+85
°C
Tstg
storage temperature
without EEPROM retention
−65
+150
°C
with EEPROM retention
−65
+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCA8581P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCA8581CP
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCA8581T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA8581CT
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com