Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD3310 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD3310
Description  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD3310 Datasheet HTML 3Page - NXP Semiconductors PCD3310 Datasheet HTML 4Page - NXP Semiconductors PCD3310 Datasheet HTML 5Page - NXP Semiconductors PCD3310 Datasheet HTML 6Page - NXP Semiconductors PCD3310 Datasheet HTML 7Page - NXP Semiconductors PCD3310 Datasheet HTML 8Page - NXP Semiconductors PCD3310 Datasheet HTML 9Page - NXP Semiconductors PCD3310 Datasheet HTML 10Page - NXP Semiconductors PCD3310 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1996 Nov 21
7
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
Fig.2 Pin configuration (DIP20 package).
handbook, halfpage
OSCI
PD/DTMF
TONE
VSS
FLD
ROW 5
ROW 4
ROW 3
ROW 2
ROW 1
OSCO
VDD
CE
M1
CF/DMODE/FS
COL 4
DP/FLO
COL 3
COL 2
COL 1
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
PCD3310P
PCD3310AP
MGE489
Fig.3 Pin configuration (SO28 package).
handbook, halfpage
OSCI
PD/DTMF
TONE
n.c.
VSS
n.c.
n.c.
FLD
ROW 5
ROW 4
n.c.
ROW 3
ROW 2
ROW 1
OSCO
VDD
CE
n.c.
M1
M2
M1
DP/FLO
CF/DMODE/FS
COL 4
n.c.
COL 3
COL 2
COL 1
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
PCD3310T
PCD3310AT
MGE488
7
FUNCTIONAL DESCRIPTION
References to ‘the device’ apply to both the PCD3310 and
the PCD3310A.
7.1
Power supply (VDD and VSS)
The positive supply of the device (VDD) must meet the
voltage requirements as indicated in Chapter 11.
To avoid undefined states of the device at power-on, an
internal reset circuit clears the control logic and counters.
If VDD drops below the minimum standby supply voltage of
1.8 V the power-on reset circuit inhibits redialling after
hook-off. The power-on reset signal has the highest
priority; it blocks and resets the device without delay
regardless of the state of chip enable input (CE).
7.2
Clock oscillator (OSCI and OSCO)
The timebase for the device for both pulse and DTMF
dialling is a crystal controlled on-chip oscillator which is
completed by connecting a 3.58 MHz crystal or ceramic
resonator between the OSCI and OSCO pins.
Recommended resonator type:
• 3.58 MHz PXE - Murata; CSA 3.58MG310VA.
7.3
Chip enable (CE)
The CE input enables the device and is used to initialize
the device. When CE is LOW it provides the static standby
condition. In this state the clock oscillator is disabled, all
registers and logic are reset with the exception of the redial
registers, Read Address Counter (RAC), Write Address
Counter (WAC) and Temporary Write Address Counter
(TWAC). The RAC points to the first digit of the last
number dialled, the WAC and TWAC point to the last
entered digits in the main and temporary registers
(see Fig.6). The keyboard input is inhibited, but data
previously entered is saved in the redial registers provided
VDD is higher than Vstb. The current drawn is Istb (standby
current) and serves to retain data in the redial registers
during hook-on.
When CE is HIGH it activates the clock oscillator and the
device changes from static standby condition to the
conversation mode. The current consumption is IDD(conv)
until the first digit is entered from the keyboard. Then a
dialling or redialling operation starts. The operating current
is IDD(pulse) if in the pulse dialling mode, or IDD(DTMF) if the
DTMF dialling mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com