Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCM Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DCM
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DCM Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DCM Datasheet HTML 7Page - List of Unclassifed Manufacturers DCM Datasheet HTML 8Page - List of Unclassifed Manufacturers DCM Datasheet HTML 9Page - List of Unclassifed Manufacturers DCM Datasheet HTML 10Page - List of Unclassifed Manufacturers DCM Datasheet HTML 11Page - List of Unclassifed Manufacturers DCM Datasheet HTML 12Page - List of Unclassifed Manufacturers DCM Datasheet HTML 13Page - List of Unclassifed Manufacturers DCM Datasheet HTML 14Page - List of Unclassifed Manufacturers DCM Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
28
Mechanical pressure switches
Pressure switch with locking of switching state (reclosing lockout)
Pressure switch with switching state
locking (reclosing lockout)
In the case of limiter functions, the switching state must be retained and locked, and it may be unlocked
and the system restarted only after the cause of the safety shutdown has been eliminated. There are two
ways of doing this:
1. Mechanical locking inside the pressure switch
Instead of a microswitch with automatic reset, limiters contain a "bi-stable" microswitch. If the pressure
reaches the value set on the scale, the microswitch trips over and remains in this position. The lock can
be released by pressing the unlocking button (identified by a red dot on the scale side of the switching
device). The lock can operate with rising or falling pressure, depending on the version.
The device can
only be unlocked when the pressure has been reduced (or increased) by the amount of the
predefined switching differential. When selecting a pressure limiter, it is necessary to distinguish
between maximum and minimum pressure monitoring. Ex-d versions cannot be equipped with internal
locking.
Maximum pressure limitation
Minimum pressure limitation
Switching and interlock-
Switching and interlocking
ing with rising pressure.
with falling pressure.
Additional function
Additional function
ZF205.
ZF206.
Connection of control
Connection of control
current circuit to
current circuit to
terminals 1 and 3.
terminals 2 and 3.
2. External electrical interlock in the control cabinet (suggested circuits)
A pressure monitor (microswitch with automatic reset) can also be used as a limiter if an electrical
interlock is added. For pressure limitation in steam and hot water boilers, an external interlock is only
permitted if it has been ascertained that the pressure monitor is "of special construction".
Maximum pressure limitation
Minimum pressure limitation
with external interlock
with external interlock
Where the above lock circuit is used, the requirements of DIN 57 116/VDE 0116 are met if the electrical
equipment (such as contactors or relays) of the external interlock circuit satisfy VDE 0660 or VDE 0435.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com