Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-5000 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-5000
Description  Material Hardness Tester PCE-5000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-5000 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-5000 Datasheet HTML 1Page - PCE Instruments. PCE-5000 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Material Hardness Tester PCE-5000
PCE-5000 Material Hardness TesterUses the ASTM A1038 ultrasonic contact impedance (UCI) method for metal and alloy hardness
testing
PCE-5000 is a portable material hardness tester that uses the ASTM A1038 ultrasonic contact impedance (UCI) method to measure the
hardness of metals and alloys with a minimum thickness of 2 mm / .08 in. Ultrasonic hardness testing is considered nondestructive, as it creates
a microscopic indentation only visible when using a high-powered microscope. 
Featuring a quick 2-second measurement time, this UCI hardness tester is the ideal tool for weld inspection, hardness control of metal coatings
and hardness measurement of fine-grained metals, small forgings, cast materials, heat-affected zones, ion-nitrided stamping dies and molds,
forms, presses, thin-walled structures and parts, bearings, tooth flanks, pipes, tanks, steel sheets and products with intricate or complex shapes.
Additional measuring sensors can be connected to the ultrasonic meter, which vary in their test force, which is applied to measure the
hardness. The different sensors measure the hardness of the objects depending on the roughness of their surface. For example, the standard
sensor with 20 N measures surfaces with a roughness of less than 5 µm. The 10 N sensor measures a roughness of less than 3.2 µm and the
one with 98 N measures a roughness of less than 15 µm.
Measures the hardness of metals and alloys with a minimum thickness of 2 mm / .08 in
Displays measurements in Rockwell A (HRA), Rockwell B (HRB), Rockwell C (HRC), Brinell (HB), Vickers (HV) and MPa (N/mm²) SI units
Measuring range: 61 … 85.6 HRA, 41 … 100 HRB, 20.3 … 68 HRC, 85 … 650 HB, 50 … 999 HV, 255 … 2180 MPa (N/mm²)
Accuracy: ± 1.5 HR, ± 3% HB, ± 3% HV
Stores up to 2000 measurement groups / 20 calibration sets to memory
Provides measurements in just 2 seconds
Probe fits into small spaces and hard-to-reach places
Features a large and easy-to-read LCD screen, simple calibration and an RS-232 interface


Similar Part No. - PCE-5000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5000 ADVANTECH-PCE-5000 Datasheet
869Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
More results

Similar Description - PCE-5000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Advantech Co., Ltd.
PCE-5B03V-00A1E ADVANTECH-PCE-5B03V-00A1E Datasheet
4Mb / 4P
Compatible with PCE-5000 Series System Host Board 1U Butterfly Backplanes
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
GP-1500 ETC2-GP-1500 Datasheet
395Kb / 2P
Conformable, low hardness
GP-2000S40 ETC2-GP-2000S40 Datasheet
443Kb / 2P
Highly conformable, low hardness
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
logo
Qingdao Hantek Electron...
HT360 HANTEK-HT360 Datasheet
1Mb / 46P
Leeb Hardness Tester
2022.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com