Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLIB9343PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLIB9343PBF
Description  DIGITAL AUDIO MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLIB9343PBF Datasheet(HTML) 7 Page - International Rectifier

  IRLIB9343PBF Datasheet HTML 1Page - International Rectifier IRLIB9343PBF Datasheet HTML 2Page - International Rectifier IRLIB9343PBF Datasheet HTML 3Page - International Rectifier IRLIB9343PBF Datasheet HTML 4Page - International Rectifier IRLIB9343PBF Datasheet HTML 5Page - International Rectifier IRLIB9343PBF Datasheet HTML 6Page - International Rectifier IRLIB9343PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRLIB9343PbF
www.irf.com
7
Data and specifications subject to change without notice.
This product has been designed for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.08/04
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting T
J = 25°C, L = 3.89mH,
RG = 25Ω, IAS = -10A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
… Limited by Tjmax. See Figs. 14, 15, 17a, 17b for repetitive avalanche information
Notes:
TO-220 FullPak packages are not recommended for Surface Mount Application.
TO-220 Full-Pak Part Marking Information
WIT H ASSE MB L Y
EXAMP L E:
T H IS IS AN IR F I840 G
L OT CODE 3432
ASSE MB L E D ON WW 24 199 9
IN T H E AS S E MB LY LIN E "K "
PAR T N U MB E R
LOT CODE
ASSE MB L Y
IN T E R N AT IONAL
R E CT IF IE R
LOGO
34
3 2
924K
I R F I 84 0G
DAT E CODE
Y E AR 9 = 199 9
WEEK 24
LIN E K
Note: "P" in assembly line
position indicates "Lead-Free"
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com