| Electronic Components Datasheet Search |
|
PCD3310AP Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD3310AP Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 28 page ![]() 1996 Nov 21 11 Philips Semiconductors Product specification Pulse and DTMF diallers with redial PCD3310; PCD3310A 8.2 Redialling After CE has risen to VDD the oscillator starts running. The address of the first digit in the redial register is stored in the RAC, and the device is in the conversation mode. If ‘R’ is the first keyboard entry the device starts redialling the contents of the temporary register. If the overflow flag of the TWAC was set in the previous dialling, the redialling continues in the main register. Because access to an external line from a PABX usually involves dialling an access code and waiting for an access tone, a ‘one-press’ redial may fail due to insufficient delay between the access code and the external number. For this reason, the access code should be redialled. If the access code (up to 4 digits) matches the first part of the stored number, then pressing R after the access tone is obtained will cause the rest of the number to be redialled (see Fig.7, PABX). Timing in the DTMF mode is calibrated for both tone bursts and pauses. In mixed mode only the first part entered (the pulse dialled part of the stored number) can be redialled. During redial keyboard entries (function or non-function) are not accepted until the device returns to the conversation mode after completion of redialling. No redial activity takes place if one of the following events occur: • Power-on reset • Memory clear (‘P’ without subsequent data entry) • Memory overflow (more than 23 valid data entries). 8.3 Notepad The redial register can also be used as a notepad. In the conversation mode a number with up to 23 digits can be entered and stored for redialling. By activating the program key (P) the WAC and TWAC pointers are reset. This acts like a memory clear (redial is inhibited). Afterwards, by entering and storing any digits, redialling will be possible after flash or hook-on and hook-off (see Fig.9). During notepad programming the numbers entered will not be transmitted nor is the mute active, only the confidence tone is generated. handbook, full pagewidth MGE493 5 4 3 2 1 addressed through pointers TWAC or RAC TEMPORARY REGISTER TEMPORARY WRITE ADDRESS COUNTER (TWAC) 1 2 3 4 5 6 23 addressed through pointers WAC or RAC MAIN REGISTER write address counter (WAC) read address counter (RAC) ADDRESS COUNTER Fig.6 Program memory map. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |