Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU7807ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLU7807ZPBF
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU7807ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLU7807ZPBF Datasheet HTML 1Page - International Rectifier IRLU7807ZPBF Datasheet HTML 2Page - International Rectifier IRLU7807ZPBF Datasheet HTML 3Page - International Rectifier IRLU7807ZPBF Datasheet HTML 4Page - International Rectifier IRLU7807ZPBF Datasheet HTML 5Page - International Rectifier IRLU7807ZPBF Datasheet HTML 6Page - International Rectifier IRLU7807ZPBF Datasheet HTML 7Page - International Rectifier IRLU7807ZPBF Datasheet HTML 8Page - International Rectifier IRLU7807ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
12/8/04
IRLR7807ZPbF
IRLU7807ZPbF
HEXFET® Power MOSFET
Notes
 through … are on page 11
Applications
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l Lead-Free
D-Pak
IRLR7807Z
I-Pak
IRLU7807Z
PD - 95777A
VDSS RDS(on) max Qg (typ.)
30V
13.8m
XÃ
7.0nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
g
W
PD @TC = 100°C Maximum Power Dissipation g
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.75
RθJA
Junction-to-Ambient (PCB Mount)
gÃ
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
40
Max.
43
f
30
f
170
± 20
30
0.27
20
300 (1.6mm from case)
-55 to + 175


Similar Part No. - IRLU7807ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU7807Z IRF-IRLU7807Z Datasheet
168Kb / 11P
HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRLU7807Z ISC-IRLU7807Z Datasheet
247Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU7807ZCPBF IRF-IRLU7807ZCPBF Datasheet
294Kb / 11P
HEXFET Power MOSFET
More results

Similar Description - IRLU7807ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com