Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD3350A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCD3350A
Description  8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3350A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCD3350A Datasheet HTML 18Page - NXP Semiconductors PCD3350A Datasheet HTML 19Page - NXP Semiconductors PCD3350A Datasheet HTML 20Page - NXP Semiconductors PCD3350A Datasheet HTML 21Page - NXP Semiconductors PCD3350A Datasheet HTML 22Page - NXP Semiconductors PCD3350A Datasheet HTML 23Page - NXP Semiconductors PCD3350A Datasheet HTML 24Page - NXP Semiconductors PCD3350A Datasheet HTML 25Page - NXP Semiconductors PCD3350A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
1996 Dec 18
22
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator,
256 bytes EEPROM and real-time clock
PCD3350A
16386.934
B0
16386.951
B1
16386.967
B2
16386.984
B3
16387.000
B4
16387.018
B5
16387.033
B6
16387.051
B7
16387.066
B8
16387.084
B9
16387.100
BA
16387.117
BB
16387.135
BC
16387.150
BD
16387.168
BE
16387.184
BF
16387.201
C0
16387.217
C1
16387.234
C2
16387.250
C3
16387.268
C4
16387.283
C5
16387.301
C6
16387.316
C7
16387.334
C8
16387.350
C9
16387.367
CA
fRCO
FAR (HEX)
16387.385
CB
16387.400
CC
16387.418
CD
16387.434
CE
16387.451
CF
16387.467
D0
16387.484
D1
16387.500
D2
16387.518
D3
16387.533
D4
16387.551
D5
16387.566
D6
16387.584
D7
16387.600
D8
16387.617
D9
16387.635
DA
16387.650
DB
16387.668
DC
16387.684
DD
16387.701
DE
16387.717
DF
16387.734
E0
16387.750
E1
16387.768
E2
16387.783
E3
16387.801
E4
16387.816
E5
fRCO
FAR (HEX)
16387.834
E6
16387.850
E7
16387.867
E8
16387.885
E9
16387.900
EA
16387.918
EB
16387.934
EC
16387.951
ED
16387.967
EE
16387.984
EF
16388.002
F0
16388.018
F1
16388.035
F2
16388.051
F3
16388.068
F4
16388.084
F5
16388.102
F6
16388.117
F7
16388.135
F8
16388.152
F9
16388.168
FA
16388.186
FB
16388.201
FC
16388.219
FD
16388.234
FE
16384.000
FF
fRCO
FAR (HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com