Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD3350AH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD3350AH
Description  8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3350AH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD3350AH Datasheet HTML 2Page - NXP Semiconductors PCD3350AH Datasheet HTML 3Page - NXP Semiconductors PCD3350AH Datasheet HTML 4Page - NXP Semiconductors PCD3350AH Datasheet HTML 5Page - NXP Semiconductors PCD3350AH Datasheet HTML 6Page - NXP Semiconductors PCD3350AH Datasheet HTML 7Page - NXP Semiconductors PCD3350AH Datasheet HTML 8Page - NXP Semiconductors PCD3350AH Datasheet HTML 9Page - NXP Semiconductors PCD3350AH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1996 Dec 18
6
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator,
256 bytes EEPROM and real-time clock
PCD3350A
5.2
Pin description
Table 1
SOT205-1 package (for information on parallel I/O ports, see Chapter 14)
SYMBOL
PIN
TYPE
DESCRIPTION
P2.1 to P2.3
1 to 3
I/O
3 bits of Port 2: 4-bit quasi-bidirectional I/O port
DP0.0/RCO
4
I/O
1 bit of Derivative Port 0: 6-bit quasi-bidirectional I/O port; or RTC output
DP0.1 to DP0.5
5 to 9
I/O
5 bits of Derivative Port 0: 6-bit quasi-bidirectional I/O port
RTC1
10
I
Real Time Clock 32 kHz oscillator input
RTC2
11
O
Real Time Clock 32 kHz oscillator output
CE/T0
12
I
Chip Enable or Test 0 input
T1
13
I
Test 1/count input of 8-bit Timer/event counter 1
RESET
14
I
reset input
DP1.0 to DP1.6
15 to 21
I/O
7 bits of Derivative Port 1: 8-bit quasi-bidirectional I/O port
DP1.7/DCO
22
I/O
1 bit of Derivative Port 1: 8-bit quasi-bidirectional I/O port; or DTMF clock
output
P0.0 to P0.3
23 to 26
I/O
4 bits of Port 0: 8-bit quasi-bidirectional I/O port
XTAL1
27
I
crystal oscillator/external clock input
XTAL2
28
O
crystal oscillator output
P0.4 to P0.7
29 to 32
I/O
4 bits of Port 0: 8-bit quasi-bidirectional I/O port
P1.0 to P1.2
33 to 35
I/O
3 bits of Port 1: 8-bit quasi-bidirectional I/O port
VSS
36
P
ground
TONE
37
O
DTMF output
VDD
38
P
positive supply voltage
P1.3 to P1.6
39 to 42
I/O
4 bits of Port 1: 8-bit quasi-bidirectional I/O port
P1.7/MDY
43
I/O
1 bit of Port 1: 8-bit quasi-bidirectional I/O port; or melody output
P2.0
44
I/O
1 bit of Port 2: 4-bit quasi-bidirectional I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com