Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS339IYD Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS339IYD
Description  Micropower Quad CMOS Voltage Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS339IYD Datasheet(HTML) 4 Page - STMicroelectronics

  TS339IYD Datasheet HTML 1Page - STMicroelectronics TS339IYD Datasheet HTML 2Page - STMicroelectronics TS339IYD Datasheet HTML 3Page - STMicroelectronics TS339IYD Datasheet HTML 4Page - STMicroelectronics TS339IYD Datasheet HTML 5Page - STMicroelectronics TS339IYD Datasheet HTML 6Page - STMicroelectronics TS339IYD Datasheet HTML 7Page - STMicroelectronics TS339IYD Datasheet HTML 8Page - STMicroelectronics TS339IYD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics
TS339
4/9
3
Electrical Characteristics
Table 2.
VCC
+ = 3V, V
CC
- = 0V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (1)
Vic = 1.5V
Tmin. ≤ Tamb ≤ Tmax.
1.
The specified offset voltage is the maximum value required to drive the output up to 2.5V or down to 0.3V.
5
6.5
mV
Iio
Input Offset Current (2)
Vic = 1.5V
Tmin. ≤ Tamb ≤ Tmax.
2.
Maximum values including unavoidable inaccuracies of the industrial test.
1
300
pA
Iib
Input Bias Current 2)
Vic = 1.5V
Tmin. ≤ Tamb ≤ Tmax.
1
600
pA
Vicm
Input Common Mode Voltage Range
Tmin. ≤ Tamb ≤ Tmax
0
0
VCC
+-1.2
VCC
+ -1.5
V
CMR
Common-mode Rejection Ratio
Vic = Vicm min.
70
dB
SVR
Supply Voltage Rejection Ratio
VCC
+ = 3V to 5V
70
dB
IOH
High Level Output Current
Vid = +1V, VOH = 3V
Tmin. ≤ Tamb ≤ Tmax.
240
1000
nA
VOL
Low Level Output Voltage
Vid = -1V, IOL = +6mA
Tmin. ≤ Tamb ≤ Tmax.
400
550
800
mV
ICC
Supply Current (each comparator)
No load - Outputs low
Tmin. ≤ Tamb ≤ Tmax.
920
25
µA
tPLH
Response Time Low to High
Vic = 0V, f = 10kHz, Tmin. ≤ Tamb ≤ TmaxCL = 50pF, Overdrive
= 5mV
TTL Input
1.5
0.7
µs
tPHL
Response Time High to Low
Vic = 0V, f = 10kHz, RL = 5.1kΩ, CL = 50pF, Overdrive = 5mV
TTL Input
2.5
0.08
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com