Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X6922D Datasheet(PDF) 3 Page - EPCOS

Part # X6922D
Description  Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6922D Datasheet(HTML) 3 Page - EPCOS

  X6922D Datasheet HTML 1Page - EPCOS X6922D Datasheet HTML 2Page - EPCOS X6922D Datasheet HTML 3Page - EPCOS X6922D Datasheet HTML 4Page - EPCOS X6922D Datasheet HTML 5Page - EPCOS X6922D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Feb 10, 2004
SAW Components
X 6922 D
38,912 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Center frequency
fc
(38,874)
(38,912)
(38,950) MHz
(center between 10 dB points)
Insertion attenuation
α
Reference level for the
38,922 (38,912) MHz
17,2
18,7
20,2
dB
following data
Pass bandwidth
α
rel ≤ 3 dB
B3dB
—
1,5
—
MHz
α
rel ≤ 30 dB
B30dB
—
2,7
—
MHz
Relative attenuation
α
rel
36,27 ... 37,31 (36,26 ... 37,30) MHz
38,0
41,0
—
dB
40,61 ... 41,41 (40,60 ... 41,40) MHz
38,0
44,0
—
dB
Lower sidelobe (incl. second adjacent channel)
30,01 ... 36,27 (30,00 ... 36,26) MHz
43,0
50,0
—
dB
Upper sidelobe (incl. second adjacent channel)
41,41 ... 50,01 (41,40 ... 50,00) MHz
42,0
47,0
—
dB
Reflected wave signal suppression
1,6
µs ... 6,0 µs after main pulse
42,0
52,0
—
dB
(test pulse 250 ns, carrier frequency 38,922 MHz)
Group delay ripple (p-p)
∆τ
38,12 ... 39,72 (38,11 ... 39,71) MHz
—
35
—
ns
Impedance at 38,922 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,0 ||25,3
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
0,9 ||15,0
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–18
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com