Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD4440T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD4440T
Description  Analog voice scrambler/descrambler
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD4440T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD4440T Datasheet HTML 3Page - NXP Semiconductors PCD4440T Datasheet HTML 4Page - NXP Semiconductors PCD4440T Datasheet HTML 5Page - NXP Semiconductors PCD4440T Datasheet HTML 6Page - NXP Semiconductors PCD4440T Datasheet HTML 7Page - NXP Semiconductors PCD4440T Datasheet HTML 8Page - NXP Semiconductors PCD4440T Datasheet HTML 9Page - NXP Semiconductors PCD4440T Datasheet HTML 10Page - NXP Semiconductors PCD4440T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1996 Dec 20
7
Philips Semiconductors
Product specification
Analog voice scrambler/descrambler
PCD4440T
7.2
Power supply (VDD, VSS)
The positive supply of the circuit (VDD) must meet the
voltage requirement as indicated in the characteristics.
To avoid undefined states of the device at power-on, an
internal reset circuit clears the logic. The power-on reset
has the highest priority; it blocks and resets the complete
circuit.
7.3
Oscillator (OSCI)
The time base for the PCD4440T is a 3.58 MHz input
signal which can be derived from the oscillator output
(OSCO) of Philips microcontroller families PCD33xxA or
PCF84CxxxA. Figure 4 shows the OSCI connection.
7.4
Splitting frequency and mode selection
Table 1 shows the input codes required to select the
various splitting frequencies, and the mute, transparent
and scramble/descramble modes. The codes form part of
the serial I2C-bus message input on the SDA line from the
microcontroller.
Table 1
Input data codes for splitting frequency and mode selection; note 1
Notes
1. Input codes other than shown in the table are not allowed.
2. Oscillator frequency = 3.58 MHz.
D3
D2
D1
D0
HEX
APPLICATION
fs(2) (Hz)
000101
Mute mode
−
001002
Select fs
2641
001103
Select fs
1853
010004
Select fs
1507
010105
Select fs
1279
011006
Select fs
1117
011107
Select fs
1018
100008
Select fs
899
100109
Select fs
837
10100A
Select fs
767
10110B
Transparent mode
−
11110F
Start scramble/descramble mode
−
handbook, full pagewidth
MGG731
27 pF
PCD4440T
PCD33xxA
PCF84CxxxA
MICROCONTROLLER
OSCI
3.58 MHz
OSCO
Fig.4 OSCI (oscillator input) connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com