Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R900 Datasheet(PDF) 2 Page - EPCOS

Part # R900
Description  SAW Components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

R900 Datasheet(HTML) 2 Page - EPCOS

  R900 Datasheet HTML 1Page - EPCOS R900 Datasheet HTML 2Page - EPCOS R900 Datasheet HTML 3Page - EPCOS R900 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Oct 08, 2004
SAW Components
R900
433,92 MHz
Resonator
Data Sheet
Ceramic package DCC6C
Features
s
1-port resonator
s
Provides reliable, fundamental mode, quartz fre-
quency stabilization i.e. in transmitters or local
oscillators
s
Protection layer: ELPAS
Terminals
s
Ni, gold plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Input
5
Output, grounded in 1-port conf.
1, 3, 4, 6
Ground (case)
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
R900
B39431-R 900-U410
C61157-A7-A67
F61074-V8168-Z000
Maximum ratings
Operable temperature range
TA
–40/+125
˚C
Storage temperature range
Tstg
–40/+125
˚C
DC voltage
VDC
12
V
between any terminals
Source power
Ps
0
dBm
R1
L1
C0
C1
2
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com