Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD3745 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD3745
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD3745 Datasheet HTML 7Page - NXP Semiconductors PCD3745 Datasheet HTML 8Page - NXP Semiconductors PCD3745 Datasheet HTML 9Page - NXP Semiconductors PCD3745 Datasheet HTML 10Page - NXP Semiconductors PCD3745 Datasheet HTML 11Page - NXP Semiconductors PCD3745 Datasheet HTML 12Page - NXP Semiconductors PCD3745 Datasheet HTML 13Page - NXP Semiconductors PCD3745 Datasheet HTML 14Page - NXP Semiconductors PCD3745 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
1999 Feb 02
11
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
44
16385.135
45
16385.150
46
16385.168
47
16385.184
48
16385.201
49
16385.217
4A
16385.234
4B
16385.250
4C
16385.268
4D
16385.283
4E
16385.301
4F
16385.316
50
16385.334
51
16385.350
52
16385.367
53
16385.385
54
16385.400
55
16385.418
56
16385.434
57
16385.451
58
16385.467
59
16385.484
5A
16385.500
5B
16385.518
5C
16385.533
5D
16385.551
5E
16385.566
5F
16385.584
60
16385.600
61
16385.617
62
16385.635
63
16385.650
64
16385.668
65
16385.684
FAR (HEX)
FRCO
66
16385.701
67
16385.717
68
16385.734
69
16385.750
6A
16385.768
6B
16385.783
6C
16385.801
6D
16385.816
6E
16385.834
6F
16385.850
70
16385.867
71
16385.885
72
16385.900
73
16385.918
74
16385.934
75
16385.951
76
16385.967
77
16385.984
78
16386.000
79
16386.018
7A
16386.033
7B
16386.051
7C
16386.066
7D
16386.084
7E
16386.100
7F
16386.117
80
16386.135
81
16386.150
82
16386.168
83
16386.184
84
16386.201
85
16386.217
86
16386.234
87
16386.250
FAR (HEX)
FRCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com