Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5002H Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCD5002H
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002H Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCD5002H Datasheet HTML 32Page - NXP Semiconductors PCD5002H Datasheet HTML 33Page - NXP Semiconductors PCD5002H Datasheet HTML 34Page - NXP Semiconductors PCD5002H Datasheet HTML 35Page - NXP Semiconductors PCD5002H Datasheet HTML 36Page - NXP Semiconductors PCD5002H Datasheet HTML 37Page - NXP Semiconductors PCD5002H Datasheet HTML 38Page - NXP Semiconductors PCD5002H Datasheet HTML 39Page - NXP Semiconductors PCD5002H Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
1997 Jun 24
36
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
Notes
1. Inputs: SDA and SCL pulled up to VDD; all other inputs connected to VSS.
Outputs: RXE and ROE logic 0; REF: fref = 1⁄60 Hz; all other outputs open-circuit.
Oscillator: no crystal; external clock fosc = 76800 Hz; amplitude: VSS to VDD.
Voltage convertor disabled (SPF byte 01, bit D7 = 0; see Table 24).
2. Maximum output current is subject to absolute maximum ratings per output (see Chapter 10).
3. When ATL (open drain output) is not activated it is high impedance.
12 DC CHARACTERISTICS (WITH VOLTAGE CONVERTER)
VDD = 2.7 V; VSS =0V; VPR =VPO; Tamb = −25 to +70 °C; Cs = 100 nF; voltage converter enabled.
13 OSCILLATOR CHARACTERISTICS
Quartz crystal type: MX-1V or equivalent.
Quartz crystal parameters: f = 76 800 Hz; RS(max) =35kΩ; CL = 8 pF; C0 = 1.4 pF; C1 = 1.5 fF.
Maximum overall tolerance:
±200 × 10−6 (includes: cutting, temperature, aging) for POCSAG, ± 55 × 10−6 for APOC-1
(‘transmitter off’ mode).
IOH
HIGH level output current
Tamb =25 °C
VIB, LED
VOH = 0.7 V
−0.6
−−2.4
mA
ATH
VOH = 0.7 V
−3.0
−−11.0
mA
INT, REF
VOH = 2.4 V
−80
−−µA
ZSD, ZSC, ZLE
VOH = 2.4 V
−60
−−µA
ATL
ATL high-impedance; note 3
−−−0.5
µA
ROE, RXE
VOH = 2.4 V
−600
−−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
1.5
−
3.0
V
VPO(0)
output voltage; no load
VDD = 2.7; IPO =0
−
5.4
−
V
VPO
output voltage
VDD =2V; IPO = −250 µA
3.0
3.5
−
V
IPO
output current
VDD =2V; VPO = 2.7 V
−400
−650
−µA
VDD =3V; VPO = 4.5 V
−650
−900
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CXO
output capacitance XTAL2
−
10
−
pF
gm
oscillator transconductance
VDD = 1.5 V
6
12
−µS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com