Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8599 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8599
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8599 Datasheet HTML 11Page - Analog Devices AD8599 Datasheet HTML 12Page - Analog Devices AD8599 Datasheet HTML 13Page - Analog Devices AD8599 Datasheet HTML 14Page - Analog Devices AD8599 Datasheet HTML 15Page - Analog Devices AD8599 Datasheet HTML 16Page - Analog Devices AD8599 Datasheet HTML 17Page - Analog Devices AD8599 Datasheet HTML 18Page - Analog Devices AD8599 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AD797
Data Sheet
Rev. K | Page 16 of 19
Differential Line Receiver
The differential receiver circuit of Figure 47 is useful for many
applications, from audio to MRI imaging. The circuit allows
extraction of a low level signal in the presence of common-
mode noise. As shown in Figure 48, the AD797 provides this
function with only 9 nV/√Hz noise at the output. Figure 49
shows the AD797 20-bit THD performance over the audio band
and the 16-bit accuracy to 250 kHz.
**
**
AD797
6
2
3
1kΩ
DIFFERENTIAL
INPUT
1kΩ
1kΩ
1kΩ
20pF
50pF*
20pF
–VS
+VS
4
7
8
VOUT
OPTIONAL
USE THE POWER SUPPLY BYPASSING
SHOWN IN FIGURE 35.
*
**
Figure 47. Differential Line Receiver
16
6
10M
12
8
100
10
10
14
1M
100k
10k
1k
FREQUENCY (Hz)
Figure 48. Output Voltage Noise Spectral Density
for Differential Line Receiver
FREQUENCY (Hz)
–90
300k
–120
–130
300
100
–110
–100
100k
30k
10k
3k
1k
0.003
0.0003
0.001
0.0001
WITHOUT
OPTIONAL
50pF CN
WITH
OPTIONAL
50pF CN
MEASUREMENT
LIMIT
Figure 49. Total Harmonic Distortion (THD) vs. Frequency
for Differential Line Receiver
A General-Purpose ATE/Instrumentation I/O Driver
The ultralow noise and distortion of the AD797 can be
combined with the wide bandwidth, slew rate, and load drive
of a current feedback amplifier to yield a very wide dynamic
range general-purpose driver. The circuit shown in Figure 50
combines the AD797 with the AD811 in just such an application.
Using the component values shown, this circuit is capable of
better than −90 dB THD with a ±5 V, 500 kHz output signal.
The circuit is, therefore, suitable for driving a high resolution
ADC as an output driver in automatic test equipment (ATE)
systems. Using a 100 kHz sine wave, the circuit drives a 600 Ω
load to a level of 7 V rms with less than −109 dB THD and a
10 kΩ load at less than −117 dB THD.
*
7
*
*
*
+VS
+VS
–VS
AD797
22pF
2kΩ
649Ω
649Ω
1kΩ
R2
6
3
4
2
7
AD811
6
2
4
3
–VS
*USE THE POWER SUPPLY BYPASSING SHOWN IN FIGURE 35.
VOUT
VIN
Figure 50. A General-Purpose ATE/Instrumentation I/O Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com