Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXT641T Datasheet(PDF) 39 Page - ATMEL Corporation

Part # MXT641T
Description  maXTouch 640-node Touchscreen Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT641T Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button MXT641T Datasheet HTML 35Page - ATMEL Corporation MXT641T Datasheet HTML 36Page - ATMEL Corporation MXT641T Datasheet HTML 37Page - ATMEL Corporation MXT641T Datasheet HTML 38Page - ATMEL Corporation MXT641T Datasheet HTML 39Page - ATMEL Corporation MXT641T Datasheet HTML 40Page - ATMEL Corporation MXT641T Datasheet HTML 41Page - ATMEL Corporation MXT641T Datasheet HTML 42Page - ATMEL Corporation MXT641T Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
39
mXT641T 1.0 [Datasheet]
9917JX–AT42–02/15
HID-I2C Communications
Figure 11-6. Response to Example Four-byte Read
11.5.2 Send Auto-return Messages
With this command the device can be configured to return new messages from the Message Processor T5 object
autonomously. The packet sequence to do this is shown in Figure 11-7.
Figure 11-7. Packet Sequence for “Send Auto-return” Command
The HID-I2C Report ID used is that for Object Protocol commands and responses; see Table 11-1 on page 36 for the
value.
The command packet has the format given in Figure 11-8.
Figure 11-8. Command Packet Format
In Figure 11-8:
Rpt ID is the HID-I2C Report ID used for Object Protocol commands and responses (see Table 11-1 on page 36).
Res 0 to Res 5 are reserved bytes with a value of 0x00.
The response packet has the format given in Figure 11-9. Note that with this command, the command packet does not
include an address pointer as the device already knows the address of the Message Processor T5 object.
0x51
0x02
Number
of Bytes
to Write
0x04
0x34
0x12
Address Pointer
(LSB, MSB)
Number
of Bytes
to Read
Command
ID
Report ID
for OBP
0x06
Send Auto-return Command Packet
Response Packet
Message Data Packet
Message Data Packet
Message Data Packet
Null Packet to Terminate
Host
Device
:
:
:
Res 1
Res 0
Res 4
Res 3
Res 2
Reserved Bytes
(=0x00)
0x88
Command
ID
Res 5
Rpt ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com