Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9271 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9271
Description  9271 Twinax - Twinaxial Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9271 Datasheet(HTML) 2 Page - Belden Inc.

  9271 Datasheet HTML 1Page - Belden Inc. 9271 Datasheet HTML 2Page - Belden Inc. 9271 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
124
Nom. Inductance:
Inductance (µH/ft)
0.188
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
12.2
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
22.0
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/ft)
1.54
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
31.8
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
12
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100 ft.)
1
0.6
10
1.7
50
3.6
100
5.0
200
6.9
400
9.6
Max. Operating Voltage - UL:
Voltage
Description
300 V RMS UL AWM Style 2092
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9271 006U1000
1,000 FT
27.000 LB
BLUE, LIGHT
TW PR FS PVC
9271 006100
100 FT
3.200 LB
BLUE, LIGHT
TW PR FS PVC
9271 0061000
1,000 FT
28.000 LB
BLUE, LIGHT
C
TW PR FS PVC
9271 006500
500 FT
14.000 LB
BLUE, LIGHT
C
TW PR FS PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 09-26-2012
© 2017 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
Page 2 of 3
01-05-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9271 Twinax - Twinaxial Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com