Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29372 Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS29372
Description  LOW-DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29372 Datasheet(HTML) 1 Page - Austin Semiconductor

  AS29372 Datasheet HTML 1Page - Austin Semiconductor AS29372 Datasheet HTML 2Page - Austin Semiconductor AS29372 Datasheet HTML 3Page - Austin Semiconductor AS29372 Datasheet HTML 4Page - Austin Semiconductor AS29372 Datasheet HTML 5Page - Austin Semiconductor AS29372 Datasheet HTML 6Page - Austin Semiconductor AS29372 Datasheet HTML 7Page - Austin Semiconductor AS29372 Datasheet HTML 8Page - Austin Semiconductor AS29372 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
V
V
V
V
Volta
olta
olta
olta
oltaggggge R
e R
e R
e R
e Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS29372
Austin Semiconductor, Inc.
AS29372
Rev. 2.0 3/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
LOW-DROPOUT VOLTAGE
REGULATOR
AVAILABLE AS MILITARY
SPECIFICATIONS
!
MIL-STD-883, Class B
FEATURES
!
High output voltage accuracy
!
Guaranteed 750mA output
!
Low quiescent current
!
Low dropout voltage
!
Extremely tight load and line regulation
!
Very low temperature coefficient
!
Current and thermal limiting
!
Input can withstand -20V reverse battery and +60V
positive transients
!
Logic-controlled electronic shutdown
!
Output programmable from 1.24V to 26V
!
Available in a 7-lead flatpack package
APPLICATIONS
!
Battery powered equipment
!
Cellular telephones
!
Laptop, notebook, and palmtop computers
!
PCMCIA V
CC
and V
PP
Regulation/Switching
!
Bar code scanners
!
Automotive electronics
!
SMPS post-regulator/DC to DC modules
!
High efficiency linear power supplies
OPTIONS
MARKING
!
Package
7-Lead Flatpack
F
For more products and information
please visit our web site at
www.austinsemiconductor.com
PIN ASSIGNMENT
(Top View)
7 Lead Flatpack (F)
1
7
2
3
4
5
6
GENERAL DESCRIPTION
The AS29372 is an efficient voltage regulator with very low
dropout voltage and very low quiescent current. Key features
include protection against reversed battery, fold-back current
limiting, and automotive “load dump” protection. A logic
compatible input is provided, which allows the device to be
switched on and off.
GND
SHDN
ADJ
V
IN
V
IN
OUT
OUT


Similar Part No. - AS29372

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29372 AUSTIN-AS29372 Datasheet
1Mb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
High output voltage accuracy
logo
Austin Semiconductor
AS29372F/883 AUSTIN-AS29372F/883 Datasheet
1Mb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
AS29372F/IT AUSTIN-AS29372F/IT Datasheet
1Mb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
AS29372F/MIL AUSTIN-AS29372F/MIL Datasheet
1Mb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AS29372

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com