Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5008 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCD5008 Datasheet HTML 1Page - NXP Semiconductors PCD5008 Datasheet HTML 2Page - NXP Semiconductors PCD5008 Datasheet HTML 3Page - NXP Semiconductors PCD5008 Datasheet HTML 4Page - NXP Semiconductors PCD5008 Datasheet HTML 5Page - NXP Semiconductors PCD5008 Datasheet HTML 6Page - NXP Semiconductors PCD5008 Datasheet HTML 7Page - NXP Semiconductors PCD5008 Datasheet HTML 8Page - NXP Semiconductors PCD5008 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
1998 Jun 17
4
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
6
BLOCK DIAGRAM
Fig.1 Functional block diagram for PCD5008 pager decoder.
handbook, full pagewidth
MGK259
SYMBOL SYNC
S7
SCK
MOSI
MISO
NOISE
DETECTOR
ERROR
CORRECTOR
CONTROL/STATUS
REGISTERS
LOCAL MESSAGE
FILTER
SPI BUFFER
SPI INTERFACE
PCD5008
INTERNAL
CONTROL
UNIT
EXTERNAL
CONTROL
UNIT
SYNC
CORRELATOR
DE-INTERLEAVER
ADDRESS
COMPARATOR
CLOCK
76.8 kHz
OSCILLATOR
RECEIVER CONTROL
26
15
S6
16
S5
18
S4
19
S3
20
S2
21
S1
22
S0
23
11
EXTS1
14
SYMCLK
2
OSCPD
5
XTAL
32
CLKOUT
6
4
7, 29
3, 13
8
24
10
EXTAL
12
VDD1, VDD2
VSS1, VSS2
TEST2
TEST3
LOBAT
TOUT0
TOUT1
TOUT2
TOUT3
EXTS0
27
28
30
31
READY
SS
RESET
1
25
17
9
32
× 32
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com