Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-CT29 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CT29
Description  Surface Tester PCE-CT 29
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT29 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CT29 Datasheet HTML 1Page - PCE Instruments. PCE-CT29 Datasheet HTML 2Page - PCE Instruments. PCE-CT29 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Tester PCE-CT 29
Surface Tester with a measuring range of 0 ... 2000 µm / Micro-USB /
statistics function / limit value alarm function / temperature and moisture measurement / V-groove 
Software for transferring the measured values / optionally with ISO calibration certificate 
The Surface Tester has a measuring range of 0 ... 2000 µm. The Surface Tester can measure the coating thickness on ferrous (Fe) and non-
ferrous (NFe) metals. For a better analysis of the measurements, the coating thickness gauge has a measuring function based on the SSPC
standards. With this function, the corrosion protection of a coating can be checked with the Surface Tester.
The Group function stores the measured values directly on the Surface Tester. A memory of 50 groups with 50 measurements each is available
on the Surface Tester. In each group, statistics are created for all measured values from the Surface Tester. All measurement data and statistics
can be recalled after a measurement run on the Surface Tester.
For further analysis of the measured values, the Surface Tester can be connected to a PC. The Surface Tester has a micro-USB interface for this
purpose. The software can be used to transfer the measurement data from the Surface Tester to a PC. In addition, it is possible to carry out live
measurements with the Surface Tester using the software. For further processing of the measured values from the Surface Tester, they can be
exported in CSV and XLS format via the software. 
In addition to the coating thickness measurement, the Surface Tester can measure the temperature and humidity of the environment. Thus, the
Surface Tester can be used to find out whether the climatic conditions are right to carry out further processing on the coating. 
With the V-groove, the coating thickness of, for example, pipes can also be determined with the Surface Tester. Optionally, the Surface Tester
can be equipped with an ISO calibration certificate.
Data memory for later evaluations
Rechargeable batteries
For ferrous and non-ferrous metals
Alarm when limit value exceeded
Statistics function for analyzing a test object
Alignment sensor for turning the display
Measuring range 0 ... 1500 μm
Graphic representation of the measured values


Similar Part No. - PCE-CT29

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CT29-ICA PCE-PCE-CT29-ICA Datasheet
829Kb / 3P
Surface Tester PCE-CT 29-ICA incl. iso calibrationcertificate
More results

Similar Description - PCE-CT29

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
ST03 PF-ST03 Datasheet
957Kb / 1P
Sensor tester
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com