Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5041 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD5041
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5041 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD5041 Datasheet HTML 14Page - NXP Semiconductors PCD5041 Datasheet HTML 15Page - NXP Semiconductors PCD5041 Datasheet HTML 16Page - NXP Semiconductors PCD5041 Datasheet HTML 17Page - NXP Semiconductors PCD5041 Datasheet HTML 18Page - NXP Semiconductors PCD5041 Datasheet HTML 19Page - NXP Semiconductors PCD5041 Datasheet HTML 20Page - NXP Semiconductors PCD5041 Datasheet HTML 21Page - NXP Semiconductors PCD5041 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1996 Oct 31
18
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5041
7
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
8
CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+6.5
V
VI
all input voltages
−0.5
VDD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
Ptot
total power dissipation
+500
mW
PO
power dissipation per output
30
mW
IDD
supply current
−100
+130
mA
ISS
ground current
−100
+130
mA
Tstg
storage temperature range
−55
+100
°C
Tj
operating junction temperature
90
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
General
Tamb
operating ambient temperature
−25
+70
°C
VDD
supply voltage
2.7
5.5
V
VDD(ret)
RAM retention voltage
1.0
VDD
V
IDD
operating supply current
note 1
612
mA
IDD(stb)
standby supply current
note 2
13
mA
clock input duty cycle
All inputs LOW except WRN;
XTAL1 running at 14 MHz
45
55
%
Digital I/O
VIL
LOW level input voltage
0
0.3VDD
V
VOL
LOW level output voltage
0
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
VDD
V
VOH
HIGH level output voltage
0.7VDD
VDD
V
ILI
input leakage current
1.0
µA
IO(source)
output source current
VDD = 3.6 V;
0.4 V
≤VO ≤ VDD − 0.4 V
2.0
5.0
mA
IO(sink)
output sink current
VDD = 3.6 V;
0.4 V
≤VO ≤ VDD − 0.4 V
2.0
5.0
mA
IRDYN(sink)
RDYN output sink current
VDD = 3.6 V; VO = 0.4 V
2.0
5.0
mA
VDD = 5.0 V; VO = 0.4 V
6.0
mA
fDCK
DCK input frequency
n=1to32
n
× 64 −
kHz
fFS1
FS1 input frequency
8
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com