Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIB5N50LPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFIB5N50LPBF
Description  SMPS MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB5N50LPBF Datasheet(HTML) 6 Page - International Rectifier

  IRFIB5N50LPBF Datasheet HTML 1Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 2Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 3Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 4Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 5Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 6Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 7Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 8Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFIB5N50LPbF
6
www.irf.com
Fig 13. Threshold Voltage vs.Temperature
-75
-50
-25
0
25
50
75
100
125
150
TJ , Temperature ( °C )
2.0
3.0
4.0
5.0
6.0
ID = 250µA
Fig 12. Maximum Effective Transient Thermal Impedance, Junction-to-Case
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com