Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRTBLFLP71.32 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KRTBLFLP71.32
Description  This device is especially designed for full color video walls.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBLFLP71.32 Datasheet(HTML) 1 Page - OSRAM GmbH

  KRTBLFLP71.32 Datasheet HTML 1Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 2Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 3Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 4Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 5Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 6Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 7Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 8Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
KRTB LFLP71.32
1 Version 1.1 | 2021-12-06
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
KRTB LFLP71.32
DISPLIX® P2828
This device is especially designed for full color video
walls. The 6-lead technology allows for an additive
mixture of color stimuli by independent driving of
each chip. Very compact package size fits best for
high resolution narrow pitch video walls.
—
—
Video Walls Signage
Features:
—
—
Chip technology: InGaAlP / InGaN on Sapphire
—
—
Typ. Radiation: 120°
—
—
Color: λ
dom = 622 nm (● red); λdom = 528 nm (● true green); λdom = 472 nm (● blue)
—
—
ESD: 500V acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 1B)


Similar Part No. - KRTBLFLP71.32

ManufacturerPart #DatasheetDescription
logo
ams AG
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
This device is especially designed for full color video walls.
Version 1.1 2021-12-06
More results

Similar Description - KRTBLFLP71.32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
This device is designed for high voltage driver applications.
logo
OSRAM GmbH
KRTBEILP41.32 OSRAM-KRTBEILP41.32 Datasheet
968Kb / 29P
Indoor Video Walls
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
Indoor Video Walls
KBHAVPA1.12 OSRAM-KBHAVPA1.12 Datasheet
858Kb / 22P
Video Walls
LRTBGVTG OSRAM-LRTBGVTG Datasheet
681Kb / 27P
video walls
LRTBGVTG OSRAM-LRTBGVTG_18 Datasheet
1Mb / 27P
video walls
KRTBEKLP42.32 OSRAM-KRTBEKLP42.32 Datasheet
672Kb / 27P
Indoor Video Walls
logo
ams AG
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
This device is especially designed for full color video walls.
Version 1.1 2021-12-06
KRTBID2LM31.31 AMSCO-KRTBID2LM31.31 Datasheet
3Mb / 39P
This device is especially designed for automotive interior applications requesting high dynamic RGB lighting scenarios.
Version 1.0 2023-07-26
KRTBLFLM71.32 AMSCO-KRTBLFLM71.32 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com