Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5092H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD5092H
Description  DECT baseband controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5092H Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD5092H Datasheet HTML 1Page - NXP Semiconductors PCD5092H Datasheet HTML 2Page - NXP Semiconductors PCD5092H Datasheet HTML 3Page - NXP Semiconductors PCD5092H Datasheet HTML 4Page - NXP Semiconductors PCD5092H Datasheet HTML 5Page - NXP Semiconductors PCD5092H Datasheet HTML 6Page - NXP Semiconductors PCD5092H Datasheet HTML 7Page - NXP Semiconductors PCD5092H Datasheet HTML 8Page - NXP Semiconductors PCD5092H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1997 Jul 21
3
Philips Semiconductors
Objective specification
DECT baseband controller
PCD5092
1
FEATURES
• 80C51 ports P0, P1, P2 and P3 available for interfacing
to display, keyboard, I2C-bus, interrupt sources and/or
external memory. Integrated 64 kbyte ROM, 3 kbytes of
data memory and 1 kbyte SDR-RAM. External program
memory is addressable up to 128 kbytes
• +2.7 to +5 V port (P0 to P3) interface
• TDMA frame (de)multiplexing. Transmission or
reception can be programmed for any slot.
• Ciphering, scrambling, CRC checking/generation and
protected B-fields
• Speech and data buffering space for six handsets
• Local call and B-field loop-back
• Two interrupt lines for BML and DSP to interrupt 80C51
• On-chip, three-channel time-multiplexed 8-bit
Analog-to-Digital Converter (ADC) for RSSI
measurement, one for battery voltage measurement
and one channel available for other purposes
• On-chip 8-bit Digital-to-Analog Converter (DAC) for
electronic potentiometer function
• Phase error measurement and phase error correction by
hardware
• DACs and ADCs for dynamic earpiece and dynamic or
electret microphone
• On-chip reference voltage
• On-chip supply for electret microphone
• Very low ohmic buzzer output
• Serial interface to external ADPCM CODEC (PCD5032)
or 8 kHz u-law samples
• Speech switch for Digital Telephone Answering
Machine (DTAM) connected to SPI interface
• IOM-2 interface (Siemens registered trademark)
• Serial interface to synthesizer for frequency
programming
• Programmable polarity and timing of radio-control
signals
• GMSK pulse shaper
• Easy interfacing with radio circuits, operating at other
supply voltage (RF supply pin with level shifter for RF
signals)
• On-chip comparator for use as data-slicer
• Low power oscillator with integrated frequency
adjustment
• QFP100 package
• Power-on-reset
• Programmable power-down modes
• Low supply voltage (2.7 to 3.6 V)
• CMOS technology.
1.1
DSP software features
• ADPCM encoding and decoding complying with G.721
• u-law encoding and decoding complying with G.711
• Echo cancellation and network echo suppressor
• Speech filters
• Programmable gain in speech paths
• Side tone and soft mute
• Ringer and tone (DTMF) generator
• Automatic gain control
• Telephone Answering Machine (TAM) switch.
For each DSP software version a separate manual is
available in which detailed information is provided on how
parameters must be set. For further information please
contact Philips Semiconductors.
2
GENERAL DESCRIPTION
The PCD5092 is designed for GAP-compliant single a/b
line basestations with answering machine switch. It has an
embedded 80C51 microcontroller with twice the
performance of the classic architecture, 64 kbytes of
PROM program memory and 3 kbytes of data memory
on-chip. In addition there is 1 kbyte of on-chip data
memory that is shared with on-chip Burst Mode Logic
(BML) and DSP, the System Data RAM (SDR).
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD5092H
QFP100
plastic quad flat package; 100 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT317-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com