Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1629163 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1629163
Description  M23-12P1N8A8002S - Cable connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1629163 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1629163 Datasheet HTML 1Page - PHOENIX CONTACT 1629163 Datasheet HTML 2Page - PHOENIX CONTACT 1629163 Datasheet HTML 3Page - PHOENIX CONTACT 1629163 Datasheet HTML 4Page - PHOENIX CONTACT 1629163 Datasheet HTML 5Page - PHOENIX CONTACT 1629163 Datasheet HTML 6Page - PHOENIX CONTACT 1629163 Datasheet HTML 7Page - PHOENIX CONTACT 1629163 Datasheet HTML 8Page - PHOENIX CONTACT 1629163 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M23, Cable connector, series: M23 PRO, straight, shielded: yes, ONECLICK fast locking system,
No. of pos.: 12, Direction of rotation: Standard, contact connection type: Pin, Crimp connection,
cable diameter range: 4 mm ... 8.5 mm, coding: N, Item is lead-free in accordance with RoHS II
without Exemption 6c (Pb < 0.1 %)
Your advantages
Solutions with cross-manufacturer compatibility for standard and fast locking systems
•
ONECLICK fast locking system with an optically, haptically, and acoustically clear locking position
•
Reliable under the harshest conditions: cable connectors with vibration brake
•
Modern, consistent design for highly convenient operation
•
Easy, cost-effective cable assembly: uniform shielding of M17 to M40
•
Commercial data
Item number
1629163
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB30
Product key
ABRABB
Catalog page
Page 76 (C-2-2019)
GTIN
4055626617961
Weight per piece (including packing)
114.4 g
Weight per piece (excluding packing)
95.95 g
Customs tariff number
85366990
Country of origin
DE
M23-12P1N8A8002S - Cable connector
1629163
https://www.phoenixcontact.com/us/products/1629163
Feb 13, 2024, 7:05 AM
Page 1 (16)


Similar Part No. - 1629163

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1629160 PHOENIX-1629160 Datasheet
619Kb / 17P
M23-12P1N8A80DUS - Cable connector
logo
Weidmuller
1629160000 WEIDMULLER-1629160000 Datasheet
299Kb / 4P
SL 7.50/05/180B 3.2SN OR BX
1629160000 WEIDMULLER-1629160000 Datasheet
92Kb / 3P
SL 7.50/11/180B3.2SN OR
logo
PHOENIX CONTACT
1629162 PHOENIX-1629162 Datasheet
617Kb / 16P
M23-12P1N8A8003S - Cable connector
1629164 PHOENIX-1629164 Datasheet
635Kb / 17P
M23-12S1N8A80DUS - Cable connector
More results

Similar Description - 1629163

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1629176 PHOENIX-1629176 Datasheet
354Kb / 7P
Cable connector - M23-07P1N8A80DUS
02/04/2022
1629204 PHOENIX-1629204 Datasheet
377Kb / 8P
Cable connector - M23-17S1N8A80DU
02/04/2022
1629208 PHOENIX-1629208 Datasheet
380Kb / 8P
Cable connector - M23-12P1N8A80DU
02/04/2022
1629192 PHOENIX-1629192 Datasheet
537Kb / 16P
M23-1RP1N8A80DU - Cable connector
1628814 PHOENIX-1628814 Datasheet
520Kb / 14P
M23-7ES198A8023S - Cable connector
1628847 PHOENIX-1628847 Datasheet
514Kb / 14P
M23-7EP198A8LDLS - Cable connector
1629162 PHOENIX-1629162 Datasheet
617Kb / 16P
M23-12P1N8A8003S - Cable connector
1629166 PHOENIX-1629166 Datasheet
635Kb / 17P
M23-12S1N8A8003S - Cable connector
1629187 PHOENIX-1629187 Datasheet
521Kb / 14P
M23-06S1N8A8002S - Cable connector
1629206 PHOENIX-1629206 Datasheet
641Kb / 18P
M23-17S1N8A8003 - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com