Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-RT10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-RT10
Description  Material Surface Roughness Tester PCE-RT 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RT10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-RT10 Datasheet HTML 1Page - PCE Instruments. PCE-RT10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Standards
GB/T6062, ISO4287, DIN4768, JIS B,
ANSI46.1
Display
LCD
Parameters
Ra, Rz
Range
Ra: 0.05~10.00 µm Rz: 0.1~50.0 µm
Accuracy
±15 %
Fluctuationof Display Value
10 %
Resolution
0,001 / 0,01 / 0,1
 
Sensor
 
Radius ofProbe Pin
10 µm
Materialof Probe Pin
Diamond
MeasurementForce of Probe 16 mN(1.6gf)
ProbeAngle
90º
VerticalRadius of Guiding
Head
48 mm
MaximumDriving Stroke
12,5 mm / 0,5 inch
Cutofflength(l)
0,25 mm, 0,8 mm, 2,5 mm
 
DrivingSpeed
 
Sampling
whenLength = 0,25 mm,Vt = 0,135 mm/s
Sampling
whenLength =0,8 mm, Vt = 0,5 mm/s
Sampling
whenLength =2,5 mm,Vt = 1 mm/s
Returning
Vt = 1 mm/s
 
EvaluationLength
1~2LOptional
OperatingConditions
Temp: 0 ~ 50 ºC Humidity: <80 % RH
PowerSupply
4 x 1.5 VAA (UM-3) Battery
Dimensions
128 x 80 x 30mm
Weight
280 g
More information
Manual
Video
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com