Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43888 Datasheet(PDF) 3 Page - EPCOS

Part # B43888
Description  Single-ended capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43888 Datasheet(HTML) 3 Page - EPCOS

  B43888 Datasheet HTML 1Page - EPCOS B43888 Datasheet HTML 2Page - EPCOS B43888 Datasheet HTML 3Page - EPCOS B43888 Datasheet HTML 4Page - EPCOS B43888 Datasheet HTML 5Page - EPCOS B43888 Datasheet HTML 6Page - EPCOS B43888 Datasheet HTML 7Page - EPCOS B43888 Datasheet HTML 8Page - EPCOS B43888 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Specifications and characteristics in brief
Rated voltage VR
Surge voltage VS
160 ... 450 V DC
1.1
VR
Rated capacitance CR
Capacitance tolerance
6.8 ... 100 µF
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
VR
≤ 350 V DC: tan δ = 0.20
VR
≥ 400 V DC: tan δ = 0.24
Leakage current Ileak
(20
°C, 5 min)
Self-inductance ESL
Diameter (mm)
≤ 12.5
16
18
20
ESL (nH)
20
26
34
38
Useful life
105
°C, V
R, IAC,R
105
°C, V
R, IAC,R
8000 h for d = 10 mm
10000 h for d
≥ 12.5 mm
Requirements
∆C/C
≤ ±50% of initial value
tan
δ
≤ 3 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
105
°C, V
R
8000 h for d = 10 mm
10000 h for d
≥ 12.5 mm
Post test requirements
∆C/C
≤ ±25% of initial value
tan
δ
≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Displacement amplitude 0.75 mm, frequency range 10 ... 2000 Hz,
acceleration max. 20 g, duration 3
× 2 h.
Capacitor rigidly clamped by the aluminum case.
IEC climatic category
To IEC 60068-1:
VR
≤ 250 V: 40/105/56 ( 40 °C/+105 °C/56 days damp heat test)
VR
≥ 350 V: 25/105/56 ( 25 °C/+105 °C/56 days damp heat test)
Sectional specification
IEC 60384-4
B43888
Very long useful life
105
°C
Page 3 of 24
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com