Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78KF2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 78KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

78KF2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  78KF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
1. Block Diagram
Fig. 78K0/KF2
16bit Timer
(TM00)
TO00
TI000
TI010
8bit Timer
(TMH0)
TOH0
8bit Timer
(TMH1)
TOH1
UART-LIN
(UART6)
RxD6
TxD6
Watchdog
Timer
78K0
CPU CORE
RAM
RESET
Reset CTL
System
Control
FLMD0
REGC
VDD
VSS
X1
X2/ EXCLK
XT1
XT2/ EXSCLKS
Internal High-speed
Ring-OSC
(8MHz typ.)
16bit Timer
(TM01)
TO01
TI001
TI011
8bit Timer
(TM50)
TO50
TI50
8bit Timer
(TM51)
TO51
TI51
UART
(UART0)
RxD0
TxD0
3wire
Serial I/F
(CSI10)
SCK10
SI10
SO10
3wire
Serial I/F
(CSI11)
SCK11
SI11
SO11
Automatic
3wire
Serial I/F
(AUTOCSI)
SCKA0
SIA0
SOA0
Port0
Multi master
IIC
(IIC0)
EXSCL0
SCL0
SDA0
Watch Timer
(WT)
10bit AD
converter
AVSS
AVREF
ANI0 -
ANI7
BUSY0
STB0
External
Interrupt
INTP0 -
INTP7
Key Return
KR0 -
KR7
EXLVI
Low voltage
Indicator
(LVI)
P00 -P06
Port1
P10 -P17
Port2
P20 -P27
Port3
P30 -P33
Port4
P40 -P47
Port5
P50 -P57
Port6
P60 -P67
Port7
P70 -P77
Port12
P120 -P124
Port13
P140 -P145
Port14
P130
Power On
Clear
(POC)
Internal Low-speed
Ring-OSC
(240kHz typ.)
High-speed system
clock OSC
Subsystem clock
OSC
EVDD
EVSS
SSI11
Multiplier
/Divider
(16x16, 32/16)
Flash
EEPROM
Clock output
control
Buzzer
output
PCL
BUZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com