Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1085LDF Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GS1085LDF
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS1085LDF Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GS1085LDF Datasheet HTML 3Page - List of Unclassifed Manufacturers GS1085LDF Datasheet HTML 4Page - List of Unclassifed Manufacturers GS1085LDF Datasheet HTML 5Page - List of Unclassifed Manufacturers GS1085LDF Datasheet HTML 6Page - List of Unclassifed Manufacturers GS1085LDF Datasheet HTML 7Page - List of Unclassifed Manufacturers GS1085LDF Datasheet HTML 8Page - List of Unclassifed Manufacturers GS1085LDF Datasheet HTML 9Page - List of Unclassifed Manufacturers GS1085LDF Datasheet HTML 10Page - List of Unclassifed Manufacturers GS1085LDF Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.gs-power.com
SOT-223-3L PLASTIC PACKAGE
θ
L
C
E
D
E1
e
e1
e1/2
b
b2
A
A2
G
A1
Dimensions
SYMBOL
Millimeters
Inches
MIN
MAX
MIN
MAX
A
-
1.80
-
.071
A1
0.02
0.10
.001
.004
A2
1.55
1.65
.061
.065
b
0.66
0.84
.026
.033
b2
2.90
3.10
.114
.122
c
0.23
0.33
.009
.013
D
6.30
6.70
.248
.264
E
6.70
7.30
.264
.288
E1
3.30
3.70
.130
.146
e
2.30 (TYP)
.091 (TYP)
e1
4.60 (TYP)
.181 (TYP)
L
0.90
-
.035
-
G
0.25 (TYP)
.010 (TYP)
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com