Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRX-MP-1T1E1-R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SRX-MP-1T1E1-R
Description  SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SRX-MP-1T1E1-R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SRX-MP-1T1E1-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SRX-MP-1T1E1-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SRX-MP-1T1E1-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SRX-MP-1T1E1-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SRX-MP-1T1E1-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SRX-MP-1T1E1-R Datasheet HTML 8Page - List of Unclassifed Manufacturers SRX-MP-1T1E1-R Datasheet HTML 9Page - List of Unclassifed Manufacturers SRX-MP-1T1E1-R Datasheet HTML 10Page - List of Unclassifed Manufacturers SRX-MP-1T1E1-R Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Hardware Specifications
Specification
SRX300
SRX320
SRX340
SRX345
SRX380
Connectivity
Total onboard ports
8x1GbE
8x1GbE
16x1GbE
16x1GbE
20 (16x1GbE, 4x10GbE)
Onboard RJ-45 ports
6x1GbE
6x1GbE
8x1GbE
8x1GbE
16x1GbE
Onboard small form-factor
pluggable (SFP) transceiver ports
2x1GbE
2x1GbE
8x1GbE
8x1GbE
4x10GbE SFP+
MACsec-capable ports
2x1GbE
2x1GbE
16x1GbE
16x1GbE
16x1GbE
4x10GbE
Out-of-band (OOB)
management ports
0
0
1x1GbE
1x1GbE
1x1GbE
Mini PIM (WAN) slots
0
2
4
4
4
Console (RJ-45 + miniUSB)
1
1
1
1
1
USB 3.0 ports (type A)
1
1
1
1
1
PoE+ ports
N/A
62
0
0
16
Memory and Storage
System memory (RAM)
4 GB
4 GB
4 GB
4 GB
4GB
Storage
8 GB
8 GB
8 GB
8 GB
100GB SSD
SSD slots
0
0
1
1
1
Dimensions and Power
Form factor
Desktop
Desktop
1 U
1 U
1U
Size (WxHxD)
12.63 x 1.37 x 7.52 in.
(32.08 x 3.47 x 19.10 cm)
11.81 x 1.73 x 7.52 in.
(29.99 x 4.39 x 19.10 cm)
17.36 x 1.72 x 14.57 in.
(44.09 x 4.36 x 37.01 cm)
17.36 x 1.72 x 14.57 in. (44.09 x
4.36 x 37.01 cm) / 17.36 x 1.72
x 18.7 in. (44.09 x 4.36 x 47.5
cm)3
17.36 x 1.72 x 18.7 in. (44.09 x
4.37 x 47.5 cm) / 17.36 x 1.72 x
20.47 in. (44.09 x 4.37 x 52 cm)
Weight (device and PSU)
4.38 lb (1.98 kg)
3.28 lb (1.51 kg)4 / 3.4 lb
(1.55 kb)5
10.80 lb (4.90 kg)
10.80 lb (4.90 kg) /
11.02 lb (5 kg)6
15 lb (6.8 kg) with 1xPSU / 16.76
lb (7.6 kg) with 2xPSU
Redundant PSU
No
No
No
No
Yes
Power supply
AC (external)
AC (external)
AC (internal)
AC (internal) / DC (internal)6
1+1 hot-swappable AC PSU
Rated DC voltage range
N/A
N/A
N/A
-48 to -60 VDC (with -15% and
+20% tolerance)
NA
Rated DC operating voltage
range
N/A
N/A
N/A
-40.8 VDC to -72 VDC6
N/A
Maximum PoE power
N/A
180 W5
N/A
N/A
480W
Average power consumption
24.9 W
46 W4/221 W5
122 W
122 W
150 W (without PoE)
510 W (with PoE)
Average heat dissipation
85 BTU/h
157 BTU/h4/755 BTU/h5
420 BTU/h
420 BTU/h
511.5 BTU/hr (without PoE)
Maximum current consumption 0.346 A
0.634 A4/2.755 A5
1.496 A
1.496 A / 6A @ -48 VDC6
1.79A/7.32A
Acoustic noise level
0dB (fanless)
37 dBA4/40 dBA5
45.5 dBA
45.5 dBA
< 50dBA @ room temperature
27C
Airflow/cooling
Fanless
Front to back
Front to back
Front to back
Front to back
Environmental, Compliance, and Safety Certification
Operational temperature
-4° to 140° F
(-20° to 60° C)7
32° to 104° F (0° to 40° C)
32° to 104° F (0° to 40° C) 32° to 104° F (0° to 40° C)
-22° to 131° F (-30° to 55° C)
for SRX345-DC
32° to 104° F (0° to 40° C)
with MPIMs
32° to 122° F (0° to 50° C)
without MPIMs
Nonoperational temperature
-4° to 158° F (-20° to 70°
C)
-4° to 158° F (-20° to 70° C) -4° to 158° F (-20° to 70°
C)
-4° to 158° F (-20° to 70° C)
-22° to 158° F (-30° to 70° C)
for SRX345-DC
-4° to 158° F (-20° to 70° C)
Operating humidity
10% to 90% non-
condensing
10% to 90% non-
condensing
10% to 90% non-
condensing
10% to 90% non-condensing
10% to 90% non-condensing
Nonoperating humidity
5% to 95% non-condensing 5% to 95% non-condensing 5% to 95% non-condensing 5% to 95% non-condensing
5% to 95% non-condensing
Meantime between failures
(MTBF)
44.5 years
32.5 years4/ 26 years5
27 years
27.4 years
28.1 years
FCC classification
Class A
Class A
Class A
Class A
Class A
RoHS compliance
RoHS 2
RoHS 2
RoHS 2
RoHS 2
RoHS 2
FIPS 140-2
Level 2 (Junos 19.2R1)
Level 2 (Junos 19.2R1)
Level 2 (Junos 19.2R1)
Level 2 (Junos 20.2R1)
Level 2 (Junos 20.2R1)
SRX300 Line of Firewalls for the Branch Datasheet
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com