Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE84C886 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCE84C886
Description  Microcontroller for monitor OSD and auto-sync applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCE84C886 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCE84C886 Datasheet HTML 38Page - NXP Semiconductors PCE84C886 Datasheet HTML 39Page - NXP Semiconductors PCE84C886 Datasheet HTML 40Page - NXP Semiconductors PCE84C886 Datasheet HTML 41Page - NXP Semiconductors PCE84C886 Datasheet HTML 42Page - NXP Semiconductors PCE84C886 Datasheet HTML 43Page - NXP Semiconductors PCE84C886 Datasheet HTML 44Page - NXP Semiconductors PCE84C886 Datasheet HTML 45Page - NXP Semiconductors PCE84C886 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
1996 Jan 08
42
Philips Semiconductors
Preliminary specification
Microcontroller for monitor OSD
and auto-sync applications
PCE84C886
13 TO FORMAT THE OSD
13.1
Number of characters per row
The number of characters per row is a function of
character width. The width of the character displayed is
only dependent upon the value held in the 7-bit
programmable counter (PLLCN) and is not affected by a
change in horizontal resolution (any change in fHsync will be
reflected by a linear change in the frequency of the OSD
clock).
The maximum number of characters per row can be
determined by calculating the number of OSD clock pulses
that occur during the Hsync active period and dividing the
result by the number of horizontal dots in the character
matrix (which is 12). If Hsync is assumed to be active for
85% of its cycle period then the maximum number of
characters per row (N) can be calculated as follows:
13.2
Number of rows per frame
The number of rows per frame is a function of character
height and the spacing between the rows of characters.
The height of a character displayed on the screen is
determined by the number of visible scan lines per frame
and the character size. The number of scan lines is
dependent upon the resolution of the monitor; character
size is selected by the user (see Section 10.1.2). The
PCE84C886 also provides a choice of four inter-line
spaces: 0H, 4H, 8H and 12H (see Section 10.1.2).
If the inter-line spacing is assumed to be zero then the
number of rows per frame (R) can be calculated by dividing
the number of visible scan lines (SL) by the character size
(CS) and dividing the result by the number of vertical dots
in the character matrix (which is 18). This can be
expressed mathematically as follows:
Table 35 shows the number of rows per frame for different
horizontal resolutions.
N
0.85
f
OSD
×
12
f
Hsync
×
-----------------------------
=
R
SL
18
CS
×
---------------------
=
13.3
Character size selection for different display
resolutions
To cater for the variable display resolutions (640 x 400,
640
× 480, 800 × 600, 1024 × 768 and 1 280 × 1 024) of
auto-sync monitors, the PCE84C886 offers a choice of 4
different character sizes: 1H/1V, 1H/2V, 1H/3V and 1H/4V.
This allows the height of displayed characters to be of
similar size even when the monitors resolution is changed
(see Table 35).
Table 35 Recommended character size selection for
different display resolutions
RESOLUTION
CHARACTER
SIZE
ROWS/FRAME
640
× 400
1H/2V
11
640
× 480
1H/2V
13
800
× 600
1H/3V
11
1 024
× 768
1H/4V
10
1280
× 1024
1H/4V
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com