Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3580 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3580
Description  Direct-Conversion TV Tuner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3580 Datasheet HTML 4Page - Maxim Integrated Products MAX3580 Datasheet HTML 5Page - Maxim Integrated Products MAX3580 Datasheet HTML 6Page - Maxim Integrated Products MAX3580 Datasheet HTML 7Page - Maxim Integrated Products MAX3580 Datasheet HTML 8Page - Maxim Integrated Products MAX3580 Datasheet HTML 9Page - Maxim Integrated Products MAX3580 Datasheet HTML 10Page - Maxim Integrated Products MAX3580 Datasheet HTML 11Page - Maxim Integrated Products MAX3580 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Direct-Conversion TV Tuner
8
_______________________________________________________________________________________
0
10
5
20
15
25
30
UHF MODE NOISE FIGURE
vs. VOLTAGE GAIN
VOLTAGE GAIN (dB)
60
70
75
65
80
85
90
TA = +25
°C
TA = +55
°C
TA = -40
°C
TA = +85
°C
fRF = 620MHz
BB_AGC = 2.85V
10
40
30
20
50
60
70
80
90
100
110
01.0
0.5
1.5
2.0
2.5
3.0
VOLTAGE GAIN
vs. BB_AGC CONTROL VOLTAGE
BB_AGC CONTROL VOLTAGE (V)
TA = +25
°C, +55°C
TA = -40
°C
TA = +85
°C
RF_AGC = 2.85V
BASEBAND FILTER REJECTION RATIO
FREQUENCY (MHz)
0
5
10
15
20
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VHF INPUT
UHF INPUT
NOISE LIMITED
-50
-5
-45
-40
-35
-30
-25
-20
-15
-10
0
5
NORMALIZED BASEBAND FREQUENCY
RESPONSE
FREQUENCY (MHz)
02
13
4
5
TA = +25
°C
TA = 0
°C
TA = +85
°C
BB_BW<3:0> = "1011"
8MHz CHANNEL MODE
-50
-5
-45
-40
-35
-30
-25
-20
-15
-10
0
5
NORMALIZED BASEBAND FREQUENCY
RESPONSE
FREQUENCY (MHz)
02
13
4
5
TA = +25
°C
TA = 0
°C
TA = +85
°C
BB_BW<3:0> = "1001"
7MHz CHANNEL MODE
-50
-5
-45
-40
-35
-30
-25
-20
-15
-10
0
5
NORMALIZED BASEBAND FREQUENCY
RESPONSE
FREQUENCY (Hz)
010
515
20
25
TA = +25
°C
TA = 0
°C
TA = +85
°C
BB_BW<3:0> = "1011"
8MHz CHANNEL MODE
NORMALIZED BASEBAND FREQUENCY
RESPONSE
FREQUENCY (MHz)
0
5
10
15
20
25
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
TA = +25
°C
TA = +85
°C
TA = 0
°C
BB_BW <3:0> = "1001"
7MHz CHANNEL MODE
Typical Operating Characteristics (continued)
(Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com