Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WIZ830MJ Datasheet(PDF) 7 Page - WIZnet Co., Ltd

Part # WIZ830MJ
Description  Supports 10/100 Base T X
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZ830MJ Datasheet(HTML) 7 Page - WIZnet Co., Ltd

Back Button WIZ830MJ Datasheet HTML 3Page - WIZnet Co., Ltd WIZ830MJ Datasheet HTML 4Page - WIZnet Co., Ltd WIZ830MJ Datasheet HTML 5Page - WIZnet Co., Ltd WIZ830MJ Datasheet HTML 6Page - WIZnet Co., Ltd WIZ830MJ Datasheet HTML 7Page - WIZnet Co., Ltd WIZ830MJ Datasheet HTML 8Page - WIZnet Co., Ltd WIZ830MJ Datasheet HTML 9Page - WIZnet Co., Ltd WIZ830MJ Datasheet HTML 10Page - WIZnet Co., Ltd WIZ830MJ Datasheet HTML 11Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
WIZ830MJ Datasheet
© Copyright 2008 WIZnet Co., Ltd. All rights reserved
7
TOP
W
WIIZZ88
1100M
M
JJ
D
Da
atta
a
ssh
he
ee
e
tt
I : Input
O : Output
I/O : Bi-directional Input and output
P : Power
2.2.
Power & Ground
Symbol
Type
Pin No.
Description
VCC
P
J1:1,
J2:1
Power : 3.3 V power supply
GND
P
J1:18,
J2:10,
J2:15,
J2:16,
J2:23,
J2:24
Ground
2.3.
MCU Interfaces
Symbol
Type
Pin No.
Description
A[9:0]
I
J1:19 ~ J1:28
Address
Used as Address[9-0] pin
D[15:8]
I/O
J1:2 ~ J1:9
Data
16 bit-wide high data bus
In case of using 8 bit data bus, there are driven as
High-Z
D[7:0]
I/O
J1:10 ~ J1:17
Data
16 bit-wide low data bus
/CS
I
J2:19
Module Select : Active low.
/CS of W5300
/RD
I
J2:20
Read Enable : Active low.
/RD of W5300
/WR
I
J2:21
Write Enable : Active low
/WR of W5300
/INT
O
J2:18
Interrupt : Active low
After reception or transmission it indicates that the
W5300 requires MCU attention.
By writing values to the Interrupt Register(IR) of
W5300 the interrupt will be cleared by host.
All interrupts can be masked by writing values to
the IMR of W5300 (Interrupt Mask Register).
For more details refer to the W5300 Datasheet
BIT16EN
I
J2:2
16/8 bit data bus select.
High : 16 bit data bus
Low : 8 bit data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com