Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

274-2ABE-01 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 274-2ABE-01
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

274-2ABE-01 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 274-2ABE-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
64
65
Contact us: (603) 635-2800
Designed for mounting horizontally or vertically on a circuit board,
291 Series heat sinks employ a unique clip for
attachment of TO-220 case styles. One type is available with a locking clip and one with a 0.140 in. (3.6) diameter
mounting hole only.
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
289 & 290 SERIES
LOW-COST SINGLE OR DUAL PACKAGE
HEAT SINKS
Height Above
Horizontal Mounting
Standard
PC Board
Maximum Footing
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
289-AB
0.500 (12.7)
1.000 (25.4) x 0.710 (18.1)
50°C @ 2W
9.0 C/W @ 400 LFM
0.0055 (2.49)
289-AP
0.500 (12.7)
1.000 (25.4) x 0.710 (18.1)
50°C @ 2W
9.0 C/W @ 400 LFM
0.0055 (2.49)
290-1AB
0.500 (12.7)
1.000 (25.4) x 1.180 (30.0)
44°C @ 2W
7.0 C/W @ 400 LFM
0.0082 (3.72)
290-2AB
0.500 (12.7)
1.000 (25.4) x 1.180 (30.0)
44°C @ 2W
7.0 C/W @ 400 LFM
0.0081 (3.67)
Material: Aluminum, Black Anodized
Low in cost and compact in overall dimensions, one
289 Series heat sink can accommodate one semiconductor;
the
289 Series is available with a black anodized finish (289-AB) or with no finish (289-AP). Two semiconductors
can be mounted to the 290-2AB style.
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
289 SERIES
290 SERIES
Dimensions: in. (mm)
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable Mounting
Natural
Forced
P/N
in. (mm)
in. (mm) Configuration Tab Options Style Convection Convection
250-122AB
1.220 (31.0)
1.000 (25.4) x .500 (12.7)
Vert./Horiz.
No Tab
Clip
50°C @ 4W
3.7°C/W @ 400 LFM
250-122ABE-09
1.220 (31.0)
1.000 (25.4) x .500 (12.7)
Vertical
09
Clip
50°C @ 4W
3.7°C/W @ 400 LFM
250-122ABE-25
1.380 (35.1)
1.000 (25.4) x .500 (12.7)
Vertical
25
Clip
50°C @ 4W
3.7°C/W @ 400 LFM
Material: Aluminum, Black Anodized
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
250-122AB
250-122AB-09
250-122AB-25
250 SERIES
250 SERIES
HIGH-PERFORMANCE SLIM PROFILE HEAT SINKS
WITH INTEGRAL CLIPS
Thermal Performance at Typical Load
Thermal Performance at Typical Load
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable Mounting
Natural
Forced
P/N
in. (mm) in. (mm)
Configuration Tab Options Style Convection Convection
237-167AB2
1.675 (42.5)
1.000 (25-4) x 1.000 (25.4)
Vertical
2, Twisted
Clip/Mtg
Slot46°C @ 4W 4.5°C/W @ 200 LFM
237-167AB3
1.675 (42.5)
1.000 (25.4) x 1.000 (25.4)
Vertical
3, Twisted
Clip/Mtg
Slot46°C @ 4W 4.5°C/W @ 200 LFM
237-167ABE2-24 1.675 (42.5)
1.000 (25.4) x 1.000 (25.4)
Vertical
2, Solderable Clip/Mtg
Slot46°C @ 4W 4.5°C/W @ 200 LFM
252-167AB2
1.675 (42.5)
1.000 (25.4) x 1.000 (25.4)
Vertical
2, Twisted
Clip/Mtg
Slot40°C @ 4W 4.5°C/W @ 200 LFM
252-167AB3
1.675 (42.5)
1.000 (25.4) x 1.000 (25.4)
Vertical
3, Twisted
Clip/Mtg
Slot40°C @ 4W 4.5°C/W @ 200 LFM
252-167ABE2-24 1.675 (42.5)
1.000 (25.4) x 1.000 (25.4)
Vertical
2, Solderable Clip/Mtg
Slot40°C @ 4W 4.5°C/W @ 200 LFM
Order SpeedClips™ 285SC or 330SC separately for rapid component installation, lowering manufacturing costs.
Material: Aluminum, Black Anodized
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
227-167
237-167AB3
252-167AB3
237-167AB3
252-167
237-167AB2
252-167AB2
237-167AB2-24
252-167AB2-24
237 AND 252 SERIES
237 AND 252 SERIES
252-167AB3
HIGH-PERFORMANCE, HIGH-POWER VERTICAL
MOUNT HEAT SINKS
237 & 252 SERIES
Thermal Performance at Typical Load
Vertical
Height Above
Mounting Footprint
Standard
PC Board
Dimensions
Mounting
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Style
Convection
Convection
lbs. (grams)
291-C236AB
0.860 (21.9)
1.100 (27.0) x 0.360 (9.1)
TO-220 (Clip)
80°C @ 2W
24°C/W @ 600 LFM
0.0026 (1.18)
291-H36AB
0.860 (21.9)
1.100 (27.0) x 0.360 (9.1) TO-220 (Mtg. Hole)
68°C @ 2W
16°C/W @ 600 LFM
0.0026 (1.18))
Material: Aluminum, Black Anodized
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
291 SERIES
291-C2
291-H
291 SERIES
Dimensions: in. (mm)
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
LABOR-SAVING CLIP-ON HEAT SINKS
Thermal Performance at Typical Load
TO-218; TO-202; TO-220
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
TO-220
TO-220
Multiwatt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com