Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DB1182Q Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2DB1182Q
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2DB1182Q Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2DB1182Q Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2DB1182Q Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.iscsemi.com
1
isc Silicon PNP Power Transistor
2DB1182Q
DESCRIPTION
·
Low saturation voltage
·
High reliability
·
High Continuous Collector Current
APPLICATIONS
·
Power Switching or Amplification
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-a
Thermal Resistance,Junction to Ambient
104
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-32
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-2
A
ICM
Collector Current-Peak
-3
A
PD
Power Dissipation @TC=25℃
1.2
W
TJ
Max.Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃


Similar Part No. - 2DB1182Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1182Q DIODES-2DB1182Q Datasheet
113Kb / 5P
32V PNP SURFACE MOUNT TRANSISTOR IN TO252
Rev 1
2DB1182Q-13 DIODES-2DB1182Q-13 Datasheet
113Kb / 5P
32V PNP SURFACE MOUNT TRANSISTOR IN TO252
Rev 1
2DB1182Q DIODES-2DB1182Q_15 Datasheet
479Kb / 6P
32V PNP MEDIUM POWER TRANSISTOR IN TO252
Rev 3
More results

Similar Description - 2DB1182Q

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com