Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF1172C Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF1172C
Description  31/2-digit LCD car clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1172C Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF1172C Datasheet HTML 2Page - NXP Semiconductors PCF1172C Datasheet HTML 3Page - NXP Semiconductors PCF1172C Datasheet HTML 4Page - NXP Semiconductors PCF1172C Datasheet HTML 5Page - NXP Semiconductors PCF1172C Datasheet HTML 6Page - NXP Semiconductors PCF1172C Datasheet HTML 7Page - NXP Semiconductors PCF1172C Datasheet HTML 8Page - NXP Semiconductors PCF1172C Datasheet HTML 9Page - NXP Semiconductors PCF1172C Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Apr 16
6
Philips Semiconductors
Product specification
31/2-digit LCD car clock
PCF1172C
CHARACTERISTICS
VDD =5V; VSS =0V; Tamb = −40 to +85 °C; crystal: f = 4.194304 MHz; Rs =50 Ω; CL = 12 pF; unless otherwise
specified.
Notes
1. The current IEXT =IREG +IDD +2 × Ii (+ LCD current).
2. For correct operation of the oscillator: VDD ≥ 3V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
external regulation
3
−
6V
external regulation
3
−
6V
internal regulation
IREG =1mA
4
5
6
V
IREG
regulation current with
internal regulation
0.2
−
5mA
IDD
current consumption
all switches open; without LCD;
internal regulation
disconnected; note 1
50
400
700
µA
ro
differential internal impedance
IREG =1mA
−−
150
Ω
Oscillator (pins 1 and 2; note 2)
tosc
start time
−−
200
ms
∆f/fosc
frequency stability
∆VDD = 100 mV
−
0.2
× 10−6 1 × 10−6
Rfb
feedback resistance
0.1
−
1M
Ω
Ci
input capacitance
−−
9pF
Co
output capacitance
19
24
29
pF
Switches S1, S2 and S3 (pins 18, 3 and 4)
Ii
input current
with inputs connected to VSS
50
150
500
µA
td
debounce time
32
−
150
ms
RS
segment driver output
resistance
IL = ±50 µA
−
1
2.5
k
Ω
RBP
backplane driver output
resistance
IL = ±250 µA
−
0.2
0.5
k
Ω
fBP
backplane driver output
frequency
−
64
−
Hz
Voffset(DC)
LCD DC offset voltage
RL = 200 kΩ; CL =1nF
−−
±50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com