Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF1174C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF1174C
Description  4-digit static LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1174C Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF1174C Datasheet HTML 1Page - NXP Semiconductors PCF1174C Datasheet HTML 2Page - NXP Semiconductors PCF1174C Datasheet HTML 3Page - NXP Semiconductors PCF1174C Datasheet HTML 4Page - NXP Semiconductors PCF1174C Datasheet HTML 5Page - NXP Semiconductors PCF1174C Datasheet HTML 6Page - NXP Semiconductors PCF1174C Datasheet HTML 7Page - NXP Semiconductors PCF1174C Datasheet HTML 8Page - NXP Semiconductors PCF1174C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Apr 16
4
Philips Semiconductors
Product specification
4-digit static LCD car clock
PCF1174C
FUNCTIONAL DESCRIPTION AND TESTING
Outputs
The circuit outputs static data to the LCD. Generation of
BP and the output signals are shown in Fig.4.
The average voltages across the segments are:
1. VON(RMS) =VDD
2. VOFF(RMS) =0V.
Fig.2 Segment designation of LCD.
MSA992
A2
G2
D2
F2
E2
B2
C2
P1 (P3)
P2 (P4)
A3
G3
D3
F3
E3
B3
C3
A4
G4
D4
F4
E4
B4
C4
AM
PM
A1
G1
D1
E1
B1
C1
Fig.3 Typical displays.
a. 12-hour mode.
b. 24-hour mode.
PM
TIME
MSA993
(a)
MSA994
TIME
(b)
Fig.4 Backplane and output signals.
MSA996
VDD
0
BP
VDD
0
OFF
VDD
0
ON
SEGMENT
15.625 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com