| Electronic Components Datasheet Search |
|
RG174/U Datasheet(PDF) 11 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
RG174/U Datasheet(HTML) 11 Page - ITT Industries |
|
11 / 39 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 115 Assy Insts RF Coaxial Connectors Assembly Instructions AI-129, AI-286 & AI-696 SSMB/SSMC Right Angle Connectors, Crimp Type for Braided Cable 1. Slide heat shrinkable tubing and ferrule on to cable. 2. Trim cable to dimensions shown. HEAT SHRINKABLE TUBING CRIMP FERRULE INSERT OR CAP REAR BODY Assembly Instruction No. A B C AI-129 5,56 (.219) 2,77 (.109) 1,19 (.047) AI-286 6,35 (.250) 2,77 (.109) 0,79 (.031) AI-696 6,22 (.245) 2,54 (.100) 1,14 (.045) 3. Tin center conductor (DO NOT OVER TIN). 4. Slide body over cable dielectric and under the braid until braid is flush against under-side of rear body. Ensure center conductor is located in the forked end of the contact. NOTE. When using cables with inflexible jackets it is permissible to make two 3,00 (.118) longitudinal slits in the outer jacket. 5. Slide ferrule flush against the body and crimp in position using ITT Cannon Crimp Tool and suitable die set (see table). 6. Using a small soldering iron solder center conduct to contact. NOTE: The center conductor should not protrude beyond the contact or touch the body. Solder should not protrude beyond the slotted section of the contact. 7. Press insert into place or locate the cap in rear of body and dimple or lightly punch to ensure it is locked in position (recommended tool, flat pin X3,07 ± 0,05 (.121 ± .002). 8. Slide heat shrinkable tubing over ferrule flush against body and heat until tubing shrinks down. Only common cable retention features are shown in detail. Various body configurations can apply. Cable Type Cable Code Die Size RG196/U 3196 2,67 (.105) RG316/U 3188 3,25 (.128) RD316 3875 3,84 (.151) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |