Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF1178C Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF1178C
Description  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1178C Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF1178C Datasheet HTML 3Page - NXP Semiconductors PCF1178C Datasheet HTML 4Page - NXP Semiconductors PCF1178C Datasheet HTML 5Page - NXP Semiconductors PCF1178C Datasheet HTML 6Page - NXP Semiconductors PCF1178C Datasheet HTML 7Page - NXP Semiconductors PCF1178C Datasheet HTML 8Page - NXP Semiconductors PCF1178C Datasheet HTML 9Page - NXP Semiconductors PCF1178C Datasheet HTML 10Page - NXP Semiconductors PCF1178C Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1997 Apr 16
7
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1178C
The number (n) is stored in a non-volatile memory which is achieved by the following steps (see Fig.6):
1. Set SEL to VSS and a level of VDD − 5 V to VPP
2. The quartz-frequency deviation
∆f/f is measured and (n) is calculated (see Table 1)
3. A first pulse tE is applied to the DATA input clears the EEPROM to give the highest backplane frequency
4. The calculated pulses (n) are entered in (tH, tL). If the maximum backplane period is reached and an additional pulse
is applied the period will return to the lowest value.
5. The backplane period is controlled and when correct fixed by applying the store pulse tW
6. Release SEL and VPP.
Table 1
Time calibration (
∆t = 7.63 µs; SEL at VSS)
OSCILLATOR-FREQUENCY DEVIATION
∆f/f
(
× 10−6)
NUMBER OF PULSES
(n)
BACKPLANE PERIOD
(ms)
0
0
15.625
+3.8
1
15.633
+7.6
2
15.641
+11.4
3
15.648
..
.
..
.
..
.
+117.8
31
15.861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com