Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIALOG Datasheet(PDF) 3 Page - Intel Corporation

Part # DIALOG
Description  Intel Dialogic Voice Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DIALOG Datasheet(HTML) 3 Page - Intel Corporation

  DIALOG Datasheet HTML 1Page - Intel Corporation DIALOG Datasheet HTML 2Page - Intel Corporation DIALOG Datasheet HTML 3Page - Intel Corporation DIALOG Datasheet HTML 4Page - Intel Corporation DIALOG Datasheet HTML 5Page - Intel Corporation DIALOG Datasheet HTML 6Page - Intel Corporation DIALOG Datasheet HTML 7Page - Intel Corporation DIALOG Datasheet HTML 8Page - Intel Corporation DIALOG Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Functional Description
The Intel® Dialogic® DIALOG/4 board uses a unique dual-
processor architecture that combines the signal processing
capabilities of a digital signal processor (DSP) with the
decision-making and data movement functionality of a
general-purpose 80C188 control microprocessor. This
dual-processor approach offloads many low-level decision-
making tasks from the host computer, enabling develop-
ment of more powerful applications.
This architecture
handles real-time events
manages data flow to the host PC for faster system
response time
reduces host PC processing demands
processes DTMF and telephony signaling
frees the DSP to perform signal processing on the
incoming call
Each of four loop start telephone line interfaces on the
DIALOG/4 board receives analog voice and telephony
signaling information from the telephone network (see
block diagram). Each line interface uses reliable, solid-
state hook switches (no mechanical contacts) and FCC
part 68 class B ring detection circuitry. This FCC-
approved ring detector is less susceptible to spurious
rings created by random voltage fluctuations on the net-
work. Each interface incorporates circuitry that protects
against high-voltage spikes and adverse network condi-
tions, letting applications go off-hook any time during ring
cadence without damaging the board.
Inbound telephony signaling (ring and loop current detec-
tion) are conditioned by the line interface and routed via a
control bus to the control processor. The control proces-
sor responds to these signals, informs the application of
telephony signaling status, and instructs the line interface
to transmit outbound signaling (on-hook/off-hook) to the
telephone network.
The audio voice signal from the network is sent through a
bandpass filter, conditioned by the line interface, and then
applied to a COder/DECoder (CODEC) circuit. The
CODEC filters, samples, and digitizes the inbound analog
audio signal and passes the digitized signal to a
Motorola* DSP.
Based on Spring Ware firmware loaded in DSP RAM, the
DSP performs the following signal analysis and opera-
tions on this incoming data:
automatic gain control (AGC) to compensate for varia-
tions in the level of the incoming audio signal
applies an Adaptive Differential Pulse Code Modulation
(ADPCM) or Pulse Code Modulation (PCM) algorithm to
compress the digitized voice and save disk storage
space
detects the presence of tones — DTMF, MF, or an
application-defined single- or dual-frequency tone
silence detection to determine whether the line is quiet
and the caller is not responding
For outbound data, the DSP performs the following oper-
ations:
expands stored, compressed audio data for playback
adjusts the volume and rate of speed of playback upon
application or user request
generates tones — DTMF, MF, or any application-
defined general-purpose tone
3
Datasheet
Intel® Dialogic® DIALOG/4 Voice Board
Code/Data
DRAM
80C188
Control
Processor
Shared RAM
PC XT/AT BUS
DSP
CODEC
Line
Interface
To
Central
Office
or PBX
DSPRAM
IRQ
DATA
Control Bus
1 of 4 Shown



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com