Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF1179C Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF1179C
Description  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1179C Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF1179C Datasheet HTML 6Page - NXP Semiconductors PCF1179C Datasheet HTML 7Page - NXP Semiconductors PCF1179C Datasheet HTML 8Page - NXP Semiconductors PCF1179C Datasheet HTML 9Page - NXP Semiconductors PCF1179C Datasheet HTML 10Page - NXP Semiconductors PCF1179C Datasheet HTML 11Page - NXP Semiconductors PCF1179C Datasheet HTML 12Page - NXP Semiconductors PCF1179C Datasheet HTML 13Page - NXP Semiconductors PCF1179C Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Apr 16
10
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1179C
CHARACTERISTICS
VDD =3to6V; VSS =0V; Tamb = −40 to +85 °C; crystal: f = 4.194304 MHz; Rs =50 Ω; CL = 12 pF; maximum
frequency tolerance =
±30 × 10−6; unless otherwise specified.
Note
1. A suitable resistor (R) must be selected (example):
a) VDD = 5 V; R max. (12 V − 5 V)/700 µA = 10 kΩ.
b) VDD = 5 V; R typ. (12 V − 5 V)/900 µA = 7.8 kΩ (more reserve).
c) IDD must not exceed 3 mA.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
voltage regulator programmed
to 4.5 V at Tamb =25 °C
3
−
6V
∆V
DD
supply voltage variation
S1 or S2 closed
−−
50
mV
TC
supply voltage variation due to
temperature
−−0.35
−
%/K
VDD = 4.5 V
−−16
−
mV/K
IDD
supply current
note 1
700
950
−µA
CEXT
capacitance
external capacitor
47
−−µF
Oscillator
tosc
start time
−−
200
ms
∆f/f
frequency deviation
nominal n = 0
0
60
× 10−6 110 × 10−6
∆f/f
frequency stability
∆VDD = 100 mV
−−
1
× 10−6
Rfb
feedback resistance
300
1000
3000
k
Ω
Ci
input capacitance
−
16
−
pF
Co
output capacitance
−
27
−
pF
Inputs
RO
pull-up resistance
S1, S2, TS, SEL and DATA
45
90
180
k
Ω
RO
pull-up/pull-down resistance
MODE
100
300
1000
k
Ω
IIL
leakage current
ENABLE, FLASH
−−
2
µA
td
debounce time
S1 and S2 only
30
65
100
ms
VPP programming voltage
IO2
output current
VPP =VDD − 5V
70
−
700
µA
during programming
−
500
−µA
Backplane (high and low levels)
RBP
output resistance
±100 µA
−−
3k
Ω
Segment
RSEG
output resistance
±100 µA
−−
5k
Ω
LCD
Voffset(DC)
DC offset voltage
200 k
Ω/1 nF
−−
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com