| Electronic Components Datasheet Search |
|
8619 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8619 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 20 page ![]() Visit product website DATA SHEET Type 8611 eCONTROL - Universal controller Type 8619 multiCELL - Multi-channel and multi-function transmitter/controller Type 8802 ELEMENT continuous control valve systems - overview Type 8644 AirLINE SP electropneu- matic automation system Standard | EN | en | 2023-12-18 | 05 Inline positive displacement (PD) flowmeter or Inline batch controller • Display for indication of flow rate and volume with two totalizers or dosing • Automatic calibration using Teach-In • Inputs (with batch controller) and all outputs can be checked without the need for actual flow • Total and day counters for batch quantity and number of dosing, volume or mass counter indicator (with batch controller) The device Type SE35 + S077 is specially designed for continuous flow measure- ment of highly viscous fluids like glue, honey or oil. slightly aggressive, solid-free liquids. The device is provided as flowmeter or batch controller. The device is made up of a compact Inline sensor-fitting with oval gears (Type S077) and a transmitter with display (Type SE35). The device is quickly and easily assem- bled thanks to a bayonet mounting and locking system. The Bürkert “Inline quar- ter-turn” technology ensures a leakage-free operation. The Bürkert designed sensor-fitting system ensures simple installation of the devices into all pipelines from DN 15…DN 100. The flowmeter is specially designed to switch a valve and to establish a monitoring system or an On/Off control loop. The batch controller is designed to carry out a dosing of one or several quantities of liquids, when mounted in series in a pipe with one or two valves. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type SE35 + S077 © Christian Bürkert GmbH & Co. KG, Änderungen vorbehalten |
Similar Part No. - 8619 |
|
Similar Description - 8619 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |