Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF1303T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF1303T
Description  18-element bar graph LCD driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1303T Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF1303T Datasheet HTML 1Page - NXP Semiconductors PCF1303T Datasheet HTML 2Page - NXP Semiconductors PCF1303T Datasheet HTML 3Page - NXP Semiconductors PCF1303T Datasheet HTML 4Page - NXP Semiconductors PCF1303T Datasheet HTML 5Page - NXP Semiconductors PCF1303T Datasheet HTML 6Page - NXP Semiconductors PCF1303T Datasheet HTML 7Page - NXP Semiconductors PCF1303T Datasheet HTML 8Page - NXP Semiconductors PCF1303T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
November 1986
3
Philips Semiconductors
Product specification
18-element bar graph LCD driver
PCF1303T
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1Vosc
oscillator pin
4I1
mode select input
5VSS
ground (0 V)
6 to 23
Q1 to Q18
segment outputs
24
QR
back-plane output
25
Vc
control voltage
26
Vref min
reference voltage inputs
27
Vref max
28
VDD
positive supply voltage
Fig.2 Pin configuration.
(1) Pins 2 and 3 should be connected to VSS.
FUNCTION TABLE
H = HIGH voltage level
L = LOW voltage level
I1
MODE
L
pointer
H
thermometer



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com