Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2103 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF2103
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF2103 Datasheet HTML 13Page - NXP Semiconductors PCF2103 Datasheet HTML 14Page - NXP Semiconductors PCF2103 Datasheet HTML 15Page - NXP Semiconductors PCF2103 Datasheet HTML 16Page - NXP Semiconductors PCF2103 Datasheet HTML 17Page - NXP Semiconductors PCF2103 Datasheet HTML 18Page - NXP Semiconductors PCF2103 Datasheet HTML 19Page - NXP Semiconductors PCF2103 Datasheet HTML 20Page - NXP Semiconductors PCF2103 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
1998 May 11
17
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
8
INSTRUCTIONS
Only two PCF2103 registers, the Instruction Register (IR)
and the Data Register (DR) can be directly controlled by
the microcontroller. Before internal operation, control
information is stored temporarily in these registers to allow
interface to various types of microcontrollers which
operate at different speeds or to allow interface to
peripheral control ICs. The format for instructions when
I2C-bus control is used is shown in Table 6. The PCF2103
operation is controlled by the instructions given in Table 7
together with their execution time. Details are explained in
subsequent sections.
Instructions are of 4 types, those that:
1. Designate PCF2103 functions such as display format,
data length, etc.
2. Set internal RAM addresses
3. Perform data transfer with internal RAM
4. Others.
In normal use, instructions that perform data transfer with
internal RAM are used most frequently. However,
automatic incrementing by 1 (or decrementing by 1) of
internal RAM addresses after each data write lessens the
microcontroller program load. The display shift in particular
can be performed concurrently with display data write,
enabling the designer to develop systems in minimum time
with maximum programming efficiency.
During internal operation, no instruction other than the
‘read busy flag and address counter’ instruction will be
executed. Because the busy flag is set to logic 1 while an
instruction is being executed, the user should verify that
the busy flag is at logic 0 before sending the next
instruction or wait for the maximum instruction execution
time, as given in Table 7. An instruction sent while the
busy flag is logic 1 will not be executed.
Table 6
Instruction set for I2C-bus commands
Note
1. R/W is set together with the slave address.
CONTROL BYTE
COMMAND BYTE
I2C-BUS COMMANDS
Co RS
000000
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com