Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP67 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # IP67
Description  DRAINAGE DEVICE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

IP67 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  IP67 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
114
PRODUCT CATALOGUE - STEGO
TECHNICAL DATA
Mounting
thread M50 x 1.5 with nut (wrench size 60 mm, housing 50 mm)
Torque
6 Nm max.
Depth in enclosure
< 17.5 mm
Material
plastic according to UL94 V-0, black,
weather proof and UV light resistant according UL746C (f1)
Water entry height
0 mm (at 0.5 mm wall thickness)
Sealing
sealing gasket NBR
Water flow-through
~ 200 ml/h at a water column of 5 mm
Dimensions
Ø 60 x 49.5 mm
Fitting position
horizontal, lowest point
Operating/Storage temperature
-45 to +70 °C (-49 to +158 °F)
Approvals
EAC
Note
Material adheres to limit values in accordance with RoHS3
Installation: Make cut-out Ø 50.5+0.5 mm in enclosure bottom and mount drainage device with nut. Please make sure that the
sealing gasket is put in place on the outer side panel of the enclosure and the hole is free of burrs.
Art. No.
Protection type
Enclosure wall thickness
1 package unit
Weight (approx.)
08410.0-00
IP66 / IP67 (EN 60529) / IP69K (EN 40050-9)
0.5 – 5.5 mm
1 piece
60 g
DRAINAGE DEVICE
DD 084 | IP66 / IP67 / IP69K
Condensate occurs in enclosures and housings with high protection type by variations in temperature. The use
of a drainage device allows the conveying of the condensate without loosing the maximum protection type of
IP66. The water permeable membrane makes sure the drainage of the enclosure by the capillary attraction. The
construction prevents the infiltration of splash water into the enclosure.
> High degree of protection
> Good drainage performance
> Easy to install
> Robust, weather and UV-light
protected housing
Photo: Inside view
Fitting position
ACCESSORIES
114TECHNICAL DATASHEET


Similar Part No. - IP67

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IP67 ROSENBERGER-IP67 Datasheet
57Kb / 2P
7/16 STRAIGHT PLUG
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
logo
Bel Fuse Inc.
IP67 BEL-IP67 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
logo
STEGO Elektrotechnik Gm...
IP67 STEGO-IP67 Datasheet
282Kb / 1P
PRESSURE COMPENSATION DEVICE (STAINLESS STEEL/ALUMINIUM)
24.02.2022
More results

Similar Description - IP67

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1000B ETC1-LC1000B Datasheet
45Kb / 1P
MATERIALS LETTING DRAINAGE STRUCTURE DETAIL
logo
National Semiconductor ...
DP83241 NSC-DP83241 Datasheet
258Kb / 20P
CDD Device (FDDI Clock Distribution Device)
DP83231 NSC-DP83231 Datasheet
209Kb / 16P
CRD Device (FDDI Clock Recovery Device)
logo
TriQuint Semiconductor
TQ8223 TRIQUINT-TQ8223 Datasheet
580Kb / 5P
Device Qualification
logo
STMicroelectronics
ESDAVLC6-1BV2 STMICROELECTRONICS-ESDAVLC6-1BV2 Datasheet
129Kb / 9P
Bidirectional device
05-Dec-2012
logo
Texas Instruments
OMAP4460 TI1-OMAP4460 Datasheet
7Mb / 444P
Multimedia Device
logo
List of Unclassifed Man...
SL7-AP24-M ETC2-SL7-AP24-M Datasheet
426Kb / 3P
Acoustic device,
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF Datasheet
419Kb / 1P
SAW Device
WFC75A1472CE NDK-WFC75A1472CE Datasheet
431Kb / 1P
SAW Device
WXC90Z2132FE NDK-WXC90Z2132FE Datasheet
264Kb / 1P
SAW Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com