Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP56 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # IP56
Description  HOSE-PROOF HOOD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

IP56 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  IP56 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
62
B
30°
H
PRODUCT CATALOGUE - STEGO
HOSE-PROOF HOOD
FFH 086 | IP56
The hose-proof hood for increasing the protection class is a protective cover for filter fans, intake and exit filters,
e.g. for the series FPI 018, FPO 018 and FF 018. It is used for protection against water projected by a hose and
extreme climatic influences if located outdoors or in industrial applications with harsh environmental conditions.
In order to clean the filter fans or to change the filter mat, the hood can easily be removed, the cabinet does not
need to be opened (safety risk).
> Increase of protection class
> Easy to clean
> Filter mat change from outside
> Impact-resistant, robust
> Safe against unauthorized removal
> Weather resistant
> Versatile
> Protective grid
Art. No.
Cutout
usable for FF 018
Cutout
usable for FPI/FPO 018
Dimensions
L x B x H
Max. covered area
(X x Y)
Weight (approx.)
08670.0-00
97 x 97 mm
92 x 92 mm
214 x 195 x 48 mm
143 x 130 mm
0.8 kg
08671.0-00
125 x 125 mm
124 x 124 mm
279 x 225 x 58 mm
173 x 160 mm
1.2 kg
08672.0-00
176 x 176 mm
176 x 176 mm
359 x 294 x 68 mm
235 x 218 mm
2.0 kg
08673.0-00
250 x 250 mm
223 x 223 mm
415 x 369 x 78 mm
290 x 286 mm
2.8 kg
08674.0-00
-
291 x 291 mm
485 x 409 x 103 mm
340 x 326 mm
3.7 kg
TECHNICAL DATA
Material hood
VA, polished
Material sealing
Silicone, food safe
Protection type
IP561
Protection type UL/NEMA
UL Type 4/4x1 / Nema Type 4/4x1
Approval
UL File No. E234324, EAC
1
When used with STEGO filter fans FPI/FPO 018 and FF 018 and when seal is tightly fitted.
Back view
Security thread M6
COOLING
62TECHNICAL DATASHEET


Similar Part No. - IP56

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP56 BEL-IP56 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
Seme LAB
IP5661 SEME-LAB-IP5661 Datasheet
34Kb / 4P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
IP5661C SEME-LAB-IP5661C Datasheet
34Kb / 4P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
logo
List of Unclassifed Man...
IP568X ETC1-IP568X Datasheet
93Kb / 6P
56K V.90 Modem Single Chip
More results

Similar Description - IP56

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Ralston Instruments.
1M1M-HOS-3FT RALSTON-1M1M-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
1P1P-HOS-3FT RALSTON-1P1P-HOS-3FT Datasheet
299Kb / 1P
Quick-test hose
2M2M-HOS-3FT RALSTON-2M2M-HOS-3FT Datasheet
301Kb / 1P
Quick-test hose
2S2S-HOS-3FT RALSTON-2S2S-HOS-3FT Datasheet
290Kb / 1P
Quick-test hose
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
water-proof and dust-proof
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
water-proof and dust-proof
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
Shock-proof, dust-proof, and splash-proof housing, IP65
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com